Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2160
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 1 Page - Analog Devices

  SSM2160 Datasheet HTML 1Page - Analog Devices SSM2160 Datasheet HTML 2Page - Analog Devices SSM2160 Datasheet HTML 3Page - Analog Devices SSM2160 Datasheet HTML 4Page - Analog Devices SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
SSM2160/SSM2161
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
6- and 4-Channel, Serial Input
Master/Balance Volume Controls
FUNCTIONAL BLOCK DIAGRAM
POWER
SUPPLY AND
REFERENCE
GENERATOR
VCA
CH1 IN
CH1 OUT
CLK
DATA
LD
WRITE
V+
V–
VREF
5-BIT
CHANNEL
DAC
VCA
CH2 IN
CH2 OUT
5-BIT
CHANNEL
DAC
VCA
CH3 IN
CH3 OUT
5-BIT
CHANNEL
DAC
VCA
CH4 IN
CH4 OUT
5-BIT
CHANNEL
DAC
VCA
CH5 IN
CH5 OUT
5-BIT
CHANNEL
DAC
VCA
CH6 IN
CH6 OUT
5-BIT
CHANNEL
DAC
7-BIT
MASTER
DAC
SHIFT REGISTER
AND
ADDRESS
DECODER
STEP SIZE
ADJUST
CH SET
MSTR SET
MSTR OUT
FEATURES
Clickless Digitally Controlled Level Adjustment
SSM2160: Six Channels
SSM2161: Four Channels
7-Bit Master Control Gives 128 Levels of Attenuation
5-Bit Channel Controls Give 32 Levels of Gain
Master/Channel Step Size Set by External Resistors
100 dB Dynamic Range
Automatic Power On Mute
Excellent Audio Characteristics:
0.01% THD+N
0.001% IMD (SMPTE)
–90 dBu Noise Floor
–80 dB Channel Separation
90 dB SNR
Single and Dual Supply Operation
APPLICATIONS
Home Theater Receivers
Surround Sound Decoders
Circle Surround* and AC-3* Decoders
DSP Soundfield Processors
HDTV and Surround TV Audio Systems
Automotive Surround Sound Systems
Multiple Input Mixer Consoles and Amplifiers
GENERAL DESCRIPTION
The SSM2160 and SSM2161 allow digital control of volume of
six and four audio channels, respectively, with a master level
control and individual channel controls. Low distortion VCAs
(Voltage Controlled Amplifiers) are used in the signal path. By
using controlled rate-of-change drive to the VCAs, the “click-
ing” associated with switched resistive networks is eliminated in
the Master control. Each channel is controlled by a dedicated
5-bit DAC providing 32 levels of gain. A master 7-bit DAC
feeds every control port giving 128 levels of attenuation. Step
sizes are nominally 1 dB and can be changed by external
resistors. Channel balance is maintained over the entire master
control range. Upon power-up, all outputs are automatically
muted. A three- or four-wire serial data bus enables interfacing
with most popular microcontrollers. Windows
* software and an
evaluation board for controlling the SSM2160 are available.
The SSM2160 can be operated from single supplies of +10 V to
+20 V or dual supplies from
±5 V to ±10 V. The SSM2161 can
be operated from single supplies of +8.5 V to +20 V (for
automotive applications) or dual supplies from
±4.25 V to
±10 V. An on-chip reference provides the correct analog
common voltage for single supply applications. Both models
come in P-DIP and SO packages. See the Ordering Guide for
more details.
*Circle Surround is a registered trademark of Rocktron Corporation.
AC-3 is a registered trademark of Dolby Labs, Inc. Windows is a regis-
tered trademark of Microsoft Corp.


Similar Part No. - SSM2160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2160 AD-SSM2160 Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
SSM2160S AD-SSM2160S Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
SSM2160S-REEL AD-SSM2160S-REEL Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
SSM2160 AD-SSM2160_03 Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
More results

Similar Description - SSM2160

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
MOSA ELECTRONICS
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
Analog Devices
SSM2160 AD-SSM2160_03 Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
Analog Devices
SSM2161 AD-SSM2161_15 Datasheet
95Kb / 7P
6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com