Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2160
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 2 Page - Analog Devices

  SSM2160 Datasheet HTML 1Page - Analog Devices SSM2160 Datasheet HTML 2Page - Analog Devices SSM2160 Datasheet HTML 3Page - Analog Devices SSM2160 Datasheet HTML 4Page - Analog Devices SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
SSM2160/SSM2161–SPECIFICATIONS
(VS =
6 V, TA = +25 C, AV = 0 dB, fAUDIO = 1 kHz, fCLOCK =
250 kHz, RL = 10 k , unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
AUDIO PERFORMANCE
Noise floor
NFL
VIN = GND, BW= 20 kHz, AV = 0 dB
1
–90
dBu
Total Harmonic Distortion + Noise
THD+N
2nd & 3rd Harmonics Only, VOUT = 0 dBu
2
AV = 0 dB
0.01
0.035 %
Channel Separation
Any Channel to Another
80
dB
Dynamic Range
NFL to Clip Point
100
dB
ANALOG INPUT
Maximum Level
VIN max
VS = ± 10 V
1.8
V rms
Impedance
ZIN
Any Channel
10
k
Ω
ANALOG OUTPUT
Maximum Level
3
VS =
±10 V, All Conditions of Master
Attenuation and Channel Gain
1.8
V rms
Impedance
ZOUT
10
Ω
Offset Voltage
20
mV
Minimum Resistive Load
RL min
10
k
Ω
Maximum Capacitive Load
CL max
50
pF
MASTER ATTENUATOR ERROR
Measured from Best Fit of All Channels
from 0 dB and –127 dB (or Noise Floor)
AV = 0 dB
Channel Gain = 0 dB
±0.5
dB
AV = –20 dB
Channel Gain = 0 dB
±1.0
dB
AV = –40 dB
Channel Gain = 0 dB
±2.0
dB
AV = –60 dB
Channel Gain = 0 dB
±2.5
dB
CHANNEL MATCHING
±1.0
dB
CHANNEL GAIN ERROR
Master Attenuation = 0 dB
AV = 0 dB
±0.5
dB
AV = +10 dB
±1.0
dB
AV = +31 dB
±2.0
dB
MUTE ATTENUATION
VIN = 0 dBu
–95
dB
VOLTAGE REFERENCE
VREF
Accuracy
Percent of
(V
+) +(V –)
2
±5%
Output Impedance
5
Ω
CONTROL LOGIC
Logic Thresholds
High (1)
Re: DGND
2.0
V
Low (0)
0.8
V
Input Current
±1
µA
Clock Frequency
1
1000
kHz
Timing Characteristics
See Timing Diagrams
POWER SUPPLIES
Voltage Range
SSM2160
VS
Single Supply
+10
+20
V
SSM2161
+8.5
+20
V
SSM2160
V+, V–
Dual Supply
± 5
±10
V
SSM2161
±4.25
±10
V
Supply Current
No Load
20
28
mA
NOTES
1Master = 0 dB; Channel = 0 dB.
2Input level adjusted accordingly. 0 dBu = 0.775 V rms.
3For other than
±10 V supplies, maximum is V
S/4.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com