Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03 Datasheet(PDF) 7 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP03 Datasheet HTML 3Page - Analog Devices TMP03 Datasheet HTML 4Page - Analog Devices TMP03 Datasheet HTML 5Page - Analog Devices TMP03 Datasheet HTML 6Page - Analog Devices TMP03 Datasheet HTML 7Page - Analog Devices TMP03 Datasheet HTML 8Page - Analog Devices TMP03 Datasheet HTML 9Page - Analog Devices TMP03 Datasheet HTML 10Page - Analog Devices TMP03 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TMP03/TMP04
REV. 0
–7–
T
A = +125°C
V
DD = +5V
CLOAD = 100pF
R
LOAD = 1kΩ
TIME SCALE = 250ns/DIV
Ch 1 +Width
Wfm does not
cross ref
∞ s
Ch 1 –Width
Wfm does not
cross ref
∞ s
Ch 1 Rise
No valid
edge
∞ s
Running:
200MS/s ET
Sample
(T)
Ch 1 Fall
139.5ns
Edge Slope
Figure 9. TMP03 Output Fall Time at +125
°C
TA = +25
°C
VDD = +5V
CLOAD = 100pF
RLOAD = 0
TIME SCALE = 250ns/DIV
Ch 1 +Width
Wfm does not
cross ref
∞ s
Ch 1 –Width
Wfm does not
cross ref
∞ s
Ch 1 Rise
No valid
edge
∞ s
Running:
200MS/s ET
Sample
(T)
Ch 1 Fall
127.6ns
Figure 10. TMP04 Output Fall Time at +25
°C
T
A = +125°C
V
DD = +5V
CLOAD = 100pF
R
LOAD = 0
TIME SCALE = 250ns/DIV
Ch 1 +Width
Wfm does not
cross ref
∞ s
Ch 1 –Width
Wfm does not
cross ref
∞ s
Ch 1 Rise
No valid
edge
∞ s
Running:
200MS/s ET
Sample
(T)
Ch 1 Fall
188.0ns
Figure 11. TMP04 Output Fall Time at +125
°C
T
A = +25°C
V
DD = +5V
CLOAD = 100pF
R
LOAD = 0
TIME SCALE – 250ns/DIV
Ch 1 +Width
Wfm does not
cross ref
∞ s
Ch 1 –Width
Wfm does not
cross ref
∞ s
Ch 1 Fall
No valid
edge
∞ s
Running:
200MS/s ET
Sample
(T)
Ch 1 Rise
110.6ns
Figure 12. TMP04 Output Rise Time at +25
°C
T
A = +125°C
V
DD = +5V
CLOAD = 100pF
R
LOAD = 0
TIME SCALE – 250ns/DIV
Ch 1 +Width
Wfm does not
cross ref
∞ s
Ch 1 –Width
Wfm does not
cross ref
∞ s
Ch 1 Fall
No valid
edge
∞ s
Running:
200MS/s ET
Sample
(T)
Ch 1 Rise
149.6ns
Figure 13. TMP04 Output Rise Time at +125
°C
LOAD CAPACITANCE – pF
2500
1000
0
0
5000
500
1000 1500 2000 2500 3000 3500 4000 4500
1500
500
2000
FALL TIME
RISE TIME
RLOAD = ∞
TA = +25°C
VS = +5V
Figure 14. TMP04 Output Rise & Fall Times
vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com