Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03 Datasheet(PDF) 15 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 15 Page - Analog Devices

Back Button TMP03 Datasheet HTML 8Page - Analog Devices TMP03 Datasheet HTML 9Page - Analog Devices TMP03 Datasheet HTML 10Page - Analog Devices TMP03 Datasheet HTML 11Page - Analog Devices TMP03 Datasheet HTML 12Page - Analog Devices TMP03 Datasheet HTML 13Page - Analog Devices TMP03 Datasheet HTML 14Page - Analog Devices TMP03 Datasheet HTML 15Page - Analog Devices TMP03 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TMP03/TMP04
REV. 0
–15–
VCC
EN
74HC4520 #2
Q0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
7
15
9
8
16
2
3
4
56
11 12 13 14
EN
10
CLK
CLK
GND RESET RESET
1
+5V
+5V
V+
DOUT
GND
TMP04
1
2
3
1
2
3
4
5
6
74HC08
+5V
VCC
LE
OUT
GND
74HC373
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
13 14 17 18
10
1
3
4
7
8
20
11
2
5
69
12 15 16 19
D1 D2 D3 D4
D5 D6 D7 D8
+5V
VCC
LE
OUT
GND
74HC373
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
13 14 17 18
10
1
3
4
7
8
20
11
2
5
69
12 15 16 19
D1 D2 D3 D4
D5 D6 D7 D8
+5V
VCC
LE
OUT
GND
74HC373
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
13 14 17 18
10
1
3
4
7
8
20
11
2
5
69
12 15 16 19
D1 D2 D3 D4
D5 D6 D7 D8
+5V
VCC
LE
OUT
GND
74HC373
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
13 14 17 18
10
1
3
4
7
8
20
11
2
5
69
12 15 16 19
D1 D2 D3 D4
D5 D6 D7 D8
+5V
GND
74HC4538
T2
T1
CLR
A
Q
B
13
14
10
8
11
16
6
9
12
15
20pF
NC
+5V
VCC
EN
74HC4520 #1
Q0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
7
15
9
8
16
2
3
4
56
11 12 13 14
EN
10
CLK
CLK
GND RESET RESET
1
1MHZ
CLOCK
3.9k
Ω
+5V
Q
GND
74HC86
T2
T1
CLR
A
Q
B
3
2
6
8
5
7
4
1
20pF
NC
1k
Ω
+5V
Q
VCC
+5V
4
5
10k
Ω
10pF
10µF
0.1µF
T1 DATA (MICROSECONDS)
T2 DATA (MICROSECONDS)
Figure 36. A Hardware Interface for the TMP04
Monitoring Electronic Equipment
The TMP03/TMP04 are ideal for monitoring the thermal
environment within electronic equipment. For example, the
surface mounted package will accurately reflect the exact
thermal conditions which affect nearby integrated circuits. The
TO-92 package, on the other hand, can be mounted above the
surface of the board, to measure the temperature of the air
flowing over the board.
The TMP03 and TMP04 measure and convert the temperature
at the surface of their own semiconductor chip. When the
TMP03/TMP04 are used to measure the temperature of a
nearby heat source, the thermal impedance between the heat
source and the TMP03/TMP04 must be considered. Often, a
thermocouple or other temperature sensor is used to measure
the temperature of the source while the TMP03/TMP04
temperature is monitored by measuring T1 and T2. Once the
thermal impedance is determined, the temperature of the heat
source can be inferred from the TMP03/TMP04 output.
One example of using the TMP04 to monitor a high power
dissipation microprocessor or other IC is shown in Figure 37.
The TMP04, in a surface mount package, is mounted directly
beneath the microprocessor’s pin grid array (PGA) package. In
a typical application, the TMP04’s output would be connected
to an ASIC where the pulse width would be measured (see the
Hardware Interface section of this data sheet for a typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com