Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06GP Datasheet(PDF) 11 Page - Analog Devices

Part # SW06GP
Description  Quad SPST JFET Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW06GP Datasheet(HTML) 11 Page - Analog Devices

Back Button SW06GP Datasheet HTML 4Page - Analog Devices SW06GP Datasheet HTML 5Page - Analog Devices SW06GP Datasheet HTML 6Page - Analog Devices SW06GP Datasheet HTML 7Page - Analog Devices SW06GP Datasheet HTML 8Page - Analog Devices SW06GP Datasheet HTML 9Page - Analog Devices SW06GP Datasheet HTML 10Page - Analog Devices SW06GP Datasheet HTML 11Page - Analog Devices SW06GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SW06
REV. A
–11–
fastest reset times. The switch can easily handle any amount of
capacitor discharge current subject only to the maximum heat
dissipation of the package and the maximum operating junction
temperature from which repetition can be established.
SWITCHING
Switching time tON and tOFF characteristics are plotted versus
VANALOG and temperature. In all cases, tOFF is designed faster
than tON to ensure a break-before-make interval for SPDT and
DPDT applications. The disable input (DIS) has the same
switching times (tON and tOFF) as the logic inputs (INX).
Switching transients occurring at the source and drain contacts
results from ac coupling of the switching FETs gate-to-source
and gate-to-drain coupling capacitance. The switch turn ON
will cause a negative going spike to occur and the turn OFF will
cause a positive spike to occur. These spikes can be reduced by
additional capacitance loading, lower values of RL, or switching
an additional switch (with its extra contact floating) to the op-
posite state connected to the spike sensitive node.
DISABLE NODE
This TTL compatible node is similar to the logic inputs INX but
has an internal 2
µA current source pull-up. If disable is left un-
connected, it will assume the logic “1” state, then the state of
the switches is controlled only by the logic inputs INX.
POWER SUPPLIES
This product operates with power supply voltages ranging from
±12 to ±18 volts; however, the specifications only guarantee
device parameters with
±15 volt ±5% power supplies. The
power supply sensitive parameters have plots to indicate effects
of supply voltages other than
±15 volts.
Typical Applications
Operation from Single Positive Power Supply
High Off Isolation Selector Switch (Shunt-Series Switch)
4-Channel Sample Hold Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com