Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB260 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SB260
Description  2 AM PERE SC HOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SB260 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  SB260 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SB260 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
2.0
1.5
1.0
0.5
0
50
60
70
80
90 100 110 120 130 150
RESISTIVE OR
INDUCTIVE LOAD
¢J board mounted on
5.0mm2 COPPER
LAND AREAS
LEAD TEMPERATURE, ¢J
50
10
1
0.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
SB2100
SB250
SB220
TJ = 25 ¢J
PULSE WIDTH = 300£gs
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1000
100
10
0.1
0.4
1
4
10
20 60 100
TJ = 25¢ J
f = 1.0MHz
Vsig = 50mVp-p
SB220
SB2100
REVERSE VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
.01
.001
20
40
60
80
100
120
140
TJ = 100 ¢J
TJ = 75 ¢J
T
J = 25 ¢J
SB220
SB2100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
30
24
18
12
6
1
2
4
6
8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
SB220 THRU SB2100
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 100 Volts
CURRENT - 2.0 Amperes
XINGHE ELECTRONICS
星合电子



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com