Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB260 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SB260
Description  2 AM PERE SC HOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SB260 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SB260 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SB260 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB220 THRU SB2100
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 100 Volts
CURRENT - 2.0 Amperes
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
2 ampere operation at TL=75 ¢J with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
For use in low voltage, high frequency inverters free wheeling,
and polarlity protection applications
MECHANICAL DATA
Case: Molded plastic, DO-15
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
SB220
SB230
SB240
SB250
SB260
SB280
SB2100
UNITS
Maximum Recurrent Peak Reverse Voltage
20
30
40
50
60
80
100
V
Maximum RMS Voltage
14
21
26
35
42
56
80
V
Maximum DC Blocking Voltage
20
30
40
50
60
80
100
V
Maximum Forward Voltage at 2.0A
0.50
0.70
0.85
V
Maximum Average Forward Rectified
Current .375” Lead Length at TA=75 ¢J
2.0
A
Peak Forward Surge Current IFM (surge)
8.3msec. single half sine-wave
superimposed on rated load (JEDEC
method)
50
A
Maximum Full Load Reverse Current, Full
Cycle Average at TA=75 ¢J
30
mA
Maximum Reverse Current
TA=25 ¢J
at Rated Reverse Voltage
TA=100 ¢J
0.5
20.0
mA
Typical Junction capacitance (Note 1)
170
PF
Typical Thermal Resistance £KJA (Note 2)
35
¢J /W
Operating and Storage Temperature Range
-50 TO +125
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal Resistance Junction to Ambient
DO-15
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - SB260

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB260 TRSYS-SB260 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB260 WTE-SB260 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB260 ZOWIE-SB260 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB260 DIODES-SB260 Datasheet
62Kb / 2P
2.0A SCHOTTKY BARRIER RECTIFIER
DS30193 Rev. B-0
More results

Similar Description - SB260

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
SB240 GXELECTRONICS-SB240 Datasheet
296Kb / 2P
2 AM PERE SC HOTTKY BARRIER RECTIFIERS
logo
Yea Shin Technology Co....
SB220 YEASHIN-SB220 Datasheet
720Kb / 3P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
BAS40WS CHENDA-BAS40WS Datasheet
407Kb / 3P
Sc hottky barrier diodes
logo
ON Semiconductor
MBRS130T3G ONSEMI-MBRS130T3G Datasheet
97Kb / 3P
Surface Mount hottky Power Rectifier
December, 2013 ??Rev. 8
logo
PHOENIX CONTACT
3041312 PHOENIX-3041312 Datasheet
150Kb / 11P
SC 2,5/ 2
logo
Shanghai Leiditech Elec...
S-SR3A LEIDITECH-S-SR3A Datasheet
901Kb / 3P
SURFACE MOUNT Sc hottky BARRIER RECTIFIERS
logo
PHOENIX CONTACT
3042450 PHOENIX-3042450 Datasheet
109Kb / 4P
SC 4/ 2
logo
Rectron Semiconductor
SC3S12020D RECTRON-SC3S12020D Datasheet
206Kb / 5P
Silicon Carbide Sc hottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com