Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB540 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SB540
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SB540 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  SB540 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SB540 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.0
4.0
3.0
2.0
1.0
0
0
20
40
60
80
100
120
150
SB550
THRU
SB5100
SB520
THRU
SB540
.375" 9.5mm LEAD LENGTHS
RESISTIVE OR INDUCTIVE LOAD
LEAD TEMPERATURE, ¢J
200
150
120
90
60
30
1
2
5
10
20
50
100
AT RATED TL
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
40
20
10
8
6
4
2
1.0
.8
. .6
.4
.2
.1
.4
.5
.6
.7
.8
.
9
1.0
1.1
50. 60 V
20. 30. 40 V
80. 100 V
TJ = 25 ¢J
PULSE WIDTH = 200 £gs
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
20
10
1.0
.10
.01
.001
20
40
60
80
100
120
140
TJ = 100 ¢J
TJ = 75 ¢J
TJ = 25 ¢J
SB520 ~ SB540
SB550 ~ SB5100
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
4000
2000
1000
800
600
400
200
100
0.1
0.4
1.0
4
10
40
100
SB520 ~ SB540
SB550 ~ SB5100
T
J = 25 ¢J
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE
R
SB520 THRU SB5100
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 100 Volts
CUR ENT - 5.0 Amperes
XINGHE ELECTRONICS
星合电子
2
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com