Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB540 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SB540
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SB540 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SB540 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SB540 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
R
SB520 THRU SB5100
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 100 Volts
CUR ENT - 5.0 Amperes
FEATURES
l
Low cost
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
l
Metal to silicon rectifier, Majority carrier conduction
l
Low power loss, high efficiency
l
High current capability, Low VF
l
High surge capacity
l
Epitaxial construction
l
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
l
High temperature soldering guaranteed: 250 ¢J /10
seconds/.375”(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic, DO-201AD
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.12 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Resistive or inductive load.
For capacitive load, derate current by 20%.
SB520
SB530
SB540
SB550
SB560
SB580
SB5100
UNITS
Maximum Recurrent Peak Reverse Voltage
20
30
40
50
60
80
100
V
Maximum RMS Voltage
14
21
28
35
42
56
80
V
Maximum DC Blocking Voltage
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified
Current, .375”(9.5mm) Lead Length(Fig. 1)
5.0
A
Peak Forward Surge Current, 8.3ms single
half sine wave superimposed on rated
load(JEDEC method)
150
A
Maximum Instantaneous Forward Voltage
at 5.0A
0.55
0.70
0.85
V
Maximum DC Reverse Current TA=25 ¢J
Reverse Voltage TA=100 ¢J
0.5
50.0
mA
Typical Thermal Resistance (Note 1) R £KJL
15
10
¢J /W
Typical Junction capacitance (Note 2)
500
380
PF
Operating and Storage Temperature Range
TJ,TSTG
-50 TO +125
¢J
NOTES:
1.
Thermal Resistance Junction to Lead Vertical PC Board Mounting .375(9.5mm) Lead Lengths
2.
Measured at 1 MHz and applied reverse voltage of 4.0 Volts
DO-201AD
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - SB540

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB540 PANJIT-SB540 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB540 TRSYS-SB540 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB540 WTE-SB540 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB540 ZOWIE-SB540 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB540 DIODES-SB540 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
More results

Similar Description - SB540

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB520 TRSYS-SB520 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-May-08
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifiers
08-Mar-2022
SS3P3L VISHAY-SS3P3L_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com