Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01GBC Datasheet(PDF) 13 Page - Analog Devices

Part # TMP01GBC
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01GBC Datasheet(HTML) 13 Page - Analog Devices

Back Button TMP01GBC Datasheet HTML 8Page - Analog Devices TMP01GBC Datasheet HTML 9Page - Analog Devices TMP01GBC Datasheet HTML 10Page - Analog Devices TMP01GBC Datasheet HTML 11Page - Analog Devices TMP01GBC Datasheet HTML 12Page - Analog Devices TMP01GBC Datasheet HTML 13Page - Analog Devices TMP01GBC Datasheet HTML 14Page - Analog Devices TMP01GBC Datasheet HTML 15Page - Analog Devices TMP01GBC Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TMP01
REV. C
–13–
4 mA-20 mA Current Loop
Another, very common method of transmitting a signal over
long distances is to use a 4 mA-20 mA Loop, as shown in Fig-
ure 19. An advantage of using a 4 mA-20 mA loop is that the
accuracy of a current loop is not compromised by voltage drops
across the line. One requirement of 4 mA-20 mA circuits is that
the remote end must receive all of its power from the loop,
meaning that the circuit must consume less than 4 mA. Operat-
ing from +5 V, the quiescent current of the TMP01 is 500
µA
max, and the OP90s is 20
µA max, totaling less than 4 mA.
Although not shown, the open collector outputs and tempera-
ture setting pins can be connected to do any local control of
switching.
The current is proportional to the voltage on the VPTAT out-
put, and is calibrated to 4 mA at a temperature of –40
°C, to
20 mA for +85
°C. The main equation governing the operation
of this circuit gives the current as a function of VPTAT:
I
OUT =
1
R6
VPTAT
× R5
R2
–
VREF
× R3
R3
+ R1
1
+
R5
R2




The resulting temperature coefficient of the output current is
128
µA/°C.
5
8
1
4
R
L
2N1711
VREF
GND
V+
VPTAT
TMP01
R5
100k
Ω
R2
39.2k
Ω
7
6
4
3
2
OP90
R1
243k
Ω
R3
100k
Ω
R6
100
Ω
4–20mA
+5V TO +13.2V
Figure 19. 4-20 mA Current Loop
To determine the resistor values in this circuit, first note that
VREF remains constant over temperature. Thus the ratio of R5
over R2 must give a variation of IOUT from 4 mA to 20 mA as
VPTAT varies from 1.165 V at –40
°C to 1.79 V at +85°C. The
absolute value of the resistors is not important, only the ratio.
For convenience, 100 k
Ω is chosen for R5. Once R2 is calcu-
lated, the value of R3 and R1 is determined by substituting
4 mA for IOUT and 1.165 V for VPTAT and solving. The final
values are shown in the circuit. The OP90 is chosen for this cir-
cuit because of its ability to operate on a single supply and its
high accuracy. For initial accuracy, a 10 k
Ω trim potentiometer
can be included in series with R3, and the value of R3 lowered
to 95 k
Ω. The potentiometer should be adjusted to produce an
output current of 12.3 mA at 25
°C.
Temperature-to-Frequency Converter
Another common method of transmitting analog information is
to convert a voltage to the frequency domain. This is easily
done with any of the low cost monolithic Voltage-to-Frequency
Converters (VFCs) available, which feature a robust, open-col-
lector digital output. A digital signal is very immune to noise
and voltage drops because the only important information is the
frequency. As long as the conversions between temperature and
frequency are done accurately, the temperature data can be suc-
cessfully transmitted.
A simple circuit to do this combines the TMP01 with an
AD654 VFC, as shown in Figure 20. The AD654 outputs a
square wave that is proportional to the dc input voltage accord-
ing to the following equation:
F
OUT =
V
IN
10 (R1
+ R2) C
T
By simply connecting the VPTAT output to the input of the
AD654, the 5 mV/
°C temperature coefficient gives a sensitivity
of 25 Hz/
°C, centered around 7.5 kHz at 25°C. The trimming
resistor R2 is needed to calibrate the absolute accuracy of the
AD654. For more information on that part, please consult the
AD654 data sheet. Finally, the AD650 can be used to accu-
rately convert the frequency back to a dc voltage on the receiv-
ing end.
4
3
7
6
8
1
2
5
AD654
VPTAT
V+
R1
R2
R3
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
R1
1.8k
Ω
OSC
V+
F
OUT
C
T
0.1
µF
5k
Ω
V+
R2
500
Ω
Figure 20. Temperature-to-Frequency Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com