Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01GBC Datasheet(PDF) 1 Page - Analog Devices

Part # TMP01GBC
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01GBC Datasheet(HTML) 1 Page - Analog Devices

  TMP01GBC Datasheet HTML 1Page - Analog Devices TMP01GBC Datasheet HTML 2Page - Analog Devices TMP01GBC Datasheet HTML 3Page - Analog Devices TMP01GBC Datasheet HTML 4Page - Analog Devices TMP01GBC Datasheet HTML 5Page - Analog Devices TMP01GBC Datasheet HTML 6Page - Analog Devices TMP01GBC Datasheet HTML 7Page - Analog Devices TMP01GBC Datasheet HTML 8Page - Analog Devices TMP01GBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Power, Programmable
Temperature Controller
TMP01*
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
–55 C to +125 C (–67 F to +257 F) Operation
1.0 C Accuracy Over Temperature (typ)
Temperature-Proportional Voltage Output
User Programmable Temperature Trip Points
User Programmable Hysteresis
20 mA Open Collector Trip Point Outputs
TTL/CMOS Compatible
Single-Supply Operation (4.5 V to 13.2 V)
Low Cost 8-Pin DIP and SO Packages
APPLICATIONS
Over/Under Temperature Sensor and Alarm
Board Level Temperature Sensing
Temperature Controllers
Electronic Thermostats
Thermal Protection
HVAC Systems
Industrial Process Control
Remote Sensors
GENERAL DESCRIPTION
The TMP01 is a temperature sensor which generates a voltage
output proportional to absolute temperature and a control signal
from one of two outputs when the device is either above or
below a specific temperature range. Both the high/low tempera-
ture trip points and hysteresis (overshoot) band are determined
by user-selected external resistors. For high volume production,
these resistors are available on-board.
The TMP01 consists of a bandgap voltage reference combined
with a pair of matched comparators. The reference provides
both a constant 2.5 V output and a voltage proportional to abso-
lute temperature (VPTAT) which has a precise temperature co-
efficient of 5 mV/K and is 1.49 V (nominal) at +25
°C. The
comparators compare VPTAT with the externally set tempera-
ture trip points and generate an open-collector output signal
when one of their respective thresholds has been exceeded.
*Protected by U.S. Patent No. 5,195,827.
Hysteresis is also programmed by the external resistor chain and
is determined by the total current drawn out of the 2.5 V refer-
ence. This current is mirrored and used to generate a hysteresis
offset voltage of the appropriate polarity after a comparator has
been tripped. The comparators are connected in parallel, which
guarantees that there is no hysteresis overlap and eliminates
erratic transitions between adjacent trip zones.
The TMP01 utilizes proprietary thin-film resistors in conjunc-
tion with production laser trimming to maintain a temperature
accuracy of
±1°C (typ) over the rated temperature range, with
excellent linearity. The open-collector outputs are capable of
sinking 20 mA, enabling the TMP01 to drive control relays di-
rectly. Operating from a +5 V supply, quiescent current is only
500
µA (max).
The TMP01 is available in the low cost 8-pin epoxy mini-DIP
and SO (small outline) packages, and in die form.
VPTAT
V+
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
2.5V
SENSOR
1
2
3
4
8
7
6
5
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
R1
TMP01
VREF
SET
HIGH
SET
LOW
GND
R2
R3
UNDER
OVER


Similar Part No. - TMP01GBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP01ES AD-TMP01ES Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
TMP01ES-REEL AD-TMP01ES-REEL Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
TMP01ESZ-REEL1 AD-TMP01ESZ-REEL1 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
TMP01ESZ1 AD-TMP01ESZ1 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
TMP01FJ AD-TMP01FJ Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
More results

Similar Description - TMP01GBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
Programmable Low Power Gyroscope with Temperature Compensation
Oct-2006
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
Programmable Controller
logo
Omron Electronics LLC
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
Programmable Controller
logo
Analog Devices
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
logo
Omron Electronics LLC
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
Programmable Controller
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
TMP01 AD-TMP01_15 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com