Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS05 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS05
Description  VOLTAGE REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS05 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS05 Datasheet HTML 1Page - Advanced Monolithic Systems AMS05 Datasheet HTML 2Page - Advanced Monolithic Systems AMS05 Datasheet HTML 3Page - Advanced Monolithic Systems AMS05 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS04/AMS05
Monolithic
VOLTAGE REFERENCES
Systems
FEATURES
APPLICATIONS
•• Low Temperature Coefficient
•• Battery Powered Systems
•• Wide Operating Current Range
•• Instrumentation
AMS04…………………….15
µµA to 20mA
•• A/D, D/A Converters
AMS05…………………….20
µµA to 20mA
•• Current sources
•• Max. 1Ω
Ω Dynamic Impedance
•• Power Supplies
•• Typ. 2% Output tolerance
•• Telecommunication
GENERAL DESCRIPTION
The AMS04 and the AMS05 are two-terminal, band-gap voltage reference diodes, with an output voltage of 1.25V for the
AMS04 and 2.5V for the AMS05. These devices feature low dynamic impedance and good temperature coefficient, operating
over a wide current range. Since the band-gap reference of these devices uses only transistors and resistors, low noise and
good long term stability result. The wide dynamic operating range allows its use with widely varying supplies with excellent
regulation. The AMS04 and AMS05 can be used for portable meters, regulators, data acquisition converters and
telecommunication.
The AMS04 and AMS05 are operational over a temperature range of 0
°C to 70°C and are available in TO-92 and SO-8
packages.
ORDERING INFORMATION:
MAX.
PACKAGE TYPE
OPERATING
TEMPCO
TO-92
8 LEAD SOIC
TEMPERATURE RANGE
50ppm/
°C
AMS04AN
AMS04AS
0 to 70
°C
100ppm/
°C
AMS04BN
AMS04BS
0 to 70
°C
50ppm/
°C
AMS05AN
AMS05AS
0 to 70
°C
100ppm/
°C
AMS05BN
AMS05BS
0 to 70
°C
PIN CONNECTIONS
TO-92
SO-8
Plastic Package (N)
SO Package (S)
Bottom View
Top View
1
2
+
-
1
2
8
4
3
7
5
6
N/C
N/C
N/C
N/C N/C
N/C
+
-


Similar Part No. - AMS05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
logo
Silicon Laboratories
AMS001-E03 SILABS-AMS001-E03 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
AMS001-R SILABS-AMS001-R Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
AMS001-S SILABS-AMS001-S Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
AMS002-E03 SILABS-AMS002-E03 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
More results

Similar Description - AMS05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
2.5V VOLTAGE REFERENCES
Oct-1997
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
2.5V voltage references
29-May-2007
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
Voltage References
REF2025 TI1-REF2025 Datasheet
2Mb / 32P
Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com