Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS05 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS05
Description  VOLTAGE REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS05 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS05 Datasheet HTML 1Page - Advanced Monolithic Systems AMS05 Datasheet HTML 2Page - Advanced Monolithic Systems AMS05 Datasheet HTML 3Page - Advanced Monolithic Systems AMS05 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS04/AMS05
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Soldering information
Forward Current
10mA
TO-92 package: 10 sec.
260
°C
Operating Temperature Range
0
°C to 70°C
SOIC package: Vapor phase (60 sec)
215
°C
Storage temperature
-55
°C to +150°C
Infrared (15 sec.)
220
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS04
Min
Typ
Max
AMS05
Min
Typ
Max
Units
Reverse Breakdown
Voltage
IR = 100 µA
1.235
1.250
1.265
2.475
2.50
2.525
V
Reverse Dynamic
Impedance
IR = 100 µA
1
1
Ω
Reverse Breakdown
15
µA ≤IR ≤20mA
20
µA ≤IR ≤1mA
10
0.25
20
1.0
mV
Voltage Change
20
µA ≤IR ≤20mA
25
µA ≤IR ≤1mA
10
0.25
2.0
1.0
mV
Min. Operating Current
10
20
µA
Wide Band Noise
10Hz
≤ f ≤ 10kHz
60
60
µV
Temperature Coeff.
AMS04A/AMS05A
AMS04B/AMS05B
IR = 100 µA (Note 3)
50
100
50
100
ppm/°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, TJ max is +100°C
Thermal Resistance
TO-92
SO-8
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
165°C/W
Note 3: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX and
TMIN, divided by TMAX - TMIN. The measured temperatures are 0
°C, 25°C and 70°C.
TYPICAL APPLICATIONS
Precision Current Source
Battery Powered 1.25V Reference
10V Reference
7
4
3
2
+
-
LM312
6
R
SET
81k
Ω
+15V
1
µF
I
OUT*
AMS04
SET
OUT
R
1.25V
I
*
=
AMS05
50k
7
4
6
2
3
-
+
V
OUT = 10V
LM312
0.1
µF
180k
Ω
60k
Ω
+15V
AMS04
1.2V
360k
Ω
9V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com