Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS232 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS232
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS232 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS232 Datasheet HTML 1Page - Advanced Monolithic Systems AMS232 Datasheet HTML 2Page - Advanced Monolithic Systems AMS232 Datasheet HTML 3Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS232
Monolithic
NPN SILICON HIGH FREQUENCY TRANSISTOR
Systems
FEATURES
APPLICATIONS
•• High Collector-Emitter Breakdown
120V Min.
•• High density Television
•• High Frequency of 1.2GHz at 50mA
•• Computer Monitors
•• Available in TO-220 Package
GENERAL DESCRIPTION
The AMS232 is an RF type small signal bipolar transistor designed for use in high performance applications such as
advanced color CRT monitor drivers that require both high frequency and high voltage. The use of fully ion implanted
technology and silicon nitride passivation makes the AMS232 a highly reliable device. For a complimentary PNP transistor in
applications where the matching characteristics are important use AMS264.
ORDERING INFORMATION:
PACKAGE TYPE
TO-220
OPERATING JUNCTION
TEMP. RANGE
AMS232
-40
°C to +150°C
PIN CONNECTIONS
1- Emitter
2- Collector
3- Base
ABSOLUTE MAXIMUM RATINGS (Note 1)
Collector - Emitter Voltage
125V
Operating Junction Temperature
150
°C
Collector - Base Voltage
130V
Storage Temperature
-40
°C to +150°C
Emitter - Base Voltage
3.5V
Power Dissipation @ TC =75
°C
5 W
Collector Current
250mA
Thermal Resistance, Junction to Case
25
°C/W
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
1
2
3
FRONT VIEW


Similar Part No. - AMS232

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2300 AMS-AMS2300 Datasheet
539Kb / 7P
transistor
AMS2301 AMS-AMS2301 Datasheet
503Kb / 7P
 Super high density cell design for
AMS2301A AMS-AMS2301A Datasheet
316Kb / 6P
Super high density cell design for extremely low
AMS2302 AMS-AMS2302 Datasheet
320Kb / 6P
Exceptional on-resistance and maximum DC current capability
AMS2303A AMS-AMS2303A Datasheet
254Kb / 6P
Exceptional on-resistance and maximum DC current capability
More results

Similar Description - AMS232

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com