Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS232 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS232
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS232 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS232 Datasheet HTML 1Page - Advanced Monolithic Systems AMS232 Datasheet HTML 2Page - Advanced Monolithic Systems AMS232 Datasheet HTML 3Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS232
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TC = 25
°C, unless otherwise specified
AMS232
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Off Characteristics
Collector - Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
120
V
Collector - Base Breakdown Voltage
V(BR)CBO
IC = 100
µA, I
B = 0
120
V
Emitter - Base Breakdown Voltage
V(BR)EBO
IE = 100nA, IC = 0
3
V
Collector Cutoff Current
ICES
VCE = 110V, VBE = 0
100
nA
On Characteristics
DC Current Gain
HFE
IC = 50mA, VCE = 15V
50
-
Dynamic Characteristics
Output Capacitance
COB
VCB = 10V, IE = 0, f = 1MHz
2.5
pF
Collector Base Capacitance
CCB
VCB = 10V, IE = 0, f = 1MHz
1.8
pF
Input Capacitance
CIB
VEB = 3V, f = 1MHz
9
pF
Transistor Frequency
fT
VCE = 15V, IC = 50mA
1.2
GHz
TYPICAL PERFORMANCE CHARACTERISTICS
0
3
6
9
27
0
8
4
Junction Capacitance vs Voltage
30
COLLECTOR BASE VOLTAGE (V)
2
10
6
0
30
60
400
1400
Gain Bandwidth Product vs
Collector Current
90
150
600
800
1200
12 15 18 21 24
0
1
0
16
8
Input Capacitance vs Voltage
5
EMITTER BASE VOLTAGE (V)
4
20
12
2
3
4
1000
COLLECTOR CURRENT (mA)
C
OB
C
CB
C
IB
15
45
75
105
f =250MHz
V
CE = 25V
120 135



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com