Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS236 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS236
Description  VOLTAGE REFERENCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS236 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS236 Datasheet HTML 1Page - Advanced Monolithic Systems AMS236 Datasheet HTML 2Page - Advanced Monolithic Systems AMS236 Datasheet HTML 3Page - Advanced Monolithic Systems AMS236 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS236/AMS336
ABSOLUTE MAXIMUM RATINGS (Note 1)
Reverse Current
15mA
Storage temperature
-55
°C to +150°C
Forward Current
10mA
Soldering information
Operating Temperature Range
TO-92 package: 10 sec.
260
°C
AMS236
-25
°C to +85°C
SOIC package: Vapor phase (60 sec)
215
°C
AMS336
0
°C to +70°C
Infrared (15 sec.)
220
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 1 mA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS236A
Min
Typ
Max
AMS236B
Min
Typ
Max
Units
Reverse Breakdown Voltage
2.475
2.500
2.525
2.450
2.500
2.550
V
Reverse Dynamic Impedance
f = 100Hz
0.2
0.4
0.6
1
0.2
0.4
0.6
1
Ω
Reverse Breakdown Voltage
Change with current
400
µA ≤IR ≤10mA
2.6
3
6
10
2.6
3
6
10
mV
Temperature Stability
-25
°C ≤ T
A
≤ +85°C
3.5
9
3.5
9
mV
Long Term Stability (Note 4)
TA=25°C±0.1°C
T = 1000 Hr
20
20
ppm
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 1 mA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS336A
Min
Typ
Max
AMS336B
Min
Typ
Max
Units
Reverse Breakdown Voltage
2.450
2.500
2.550
2.400
2.500
2.600
V
Reverse Dynamic Impedance
f = 100Hz
0.2
0.4
1.0
1.4
0.2
0.4
1.0
1.4
Ω
Reverse Breakdown Voltage
Change with current
400
µA ≤IR ≤10mA
2.6
3
10
12
2.6
3
10
12
mV
Temperature Stability
0
°C ≤ T
A
≤ 70°C
1.8
6
1.8
6
mV
Long Term Stability (Note 4)
TA=25°C±0.1°C
T = 1000 Hr
20
20
ppm
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, Tj max is:
AMS236 +125°C
AMS336 +100°C
Thermal Resistance
TO-92
SO-8
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
165°C/W
Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 4: Temperature stability for the AMS236/336 family is guaranteed by design. Design limits are guaranteed (but not 100% production tested) over the
specified temperature and supply voltage ranges. These limits are not used to calculate outgoing quality levels. The average temperature coefficient is defined as the
maximum deviation of reference voltage at all measured temperatures between the operating TMAX and TMIN, divided by TMAX - TMIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com