Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS236 Datasheet (PDF) - Advanced Monolithic Systems

AMS236 Datasheet PDF - Advanced Monolithic Systems
Part # AMS236
Download  AMS236 Download
File Size   39.79 Kbytes
Page   4 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description VOLTAGE REFERENCE DIODE

AMS236 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS236 Datasheet PDF - Advanced Monolithic Systems

Part # AMS236
Download  AMS236 Click to download

File Size   39.79 Kbytes
Page   4 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description VOLTAGE REFERENCE DIODE

AMS236 Datasheet (HTML) - Advanced Monolithic Systems


AMS236 Product details

GENERAL DESCRIPTION
The AMS236/AMS336 are precision band-gap voltage reference diodes. These voltage reference features a very low dynamic impedance and good temperature coefficient, operating over a wide current range of 400µA to 10mA. On-chip trimming is used to provide tight tolerance and minimize temperature drift. A third terminal allows the reference voltage to be trimmed ±5%.

FEATURES
 • Low Temperature Coefficient
 • Wide Operating Current Range
 • Guaranteed Temperature Stability
 • Max. 0.6W Dynamic Impedance (A grade)
 • ±1% Initial Tolerance Available

APPLICATIONS
 • Power Supplies
 • Instrumentation
 • 8 Bit A/D, D/A Reference
 • Current Loop Measurement and Control Systems
 • Reference for 5V Systems




Similar Part No. - AMS236

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS236 ADMOS-AMS236 Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236AN ADMOS-AMS236AN Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236AS ADMOS-AMS236AS Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236BN ADMOS-AMS236BN Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236BS ADMOS-AMS236BS Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
More results


Similar Description - AMS236

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1009 ADMOS-AMS1009 Datasheet
35Kb / 4P
VOLTAGE REFERENCE DIODE
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS1009 ADMOS-AMS1009_05 Datasheet
41Kb / 4P
VOLTAGE REFERENCE DIODE
AMS236 ADMOS-AMS236_05 Datasheet
100Kb / 4P
VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com