Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS264 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS264
Description  PNP SILICON HIGH FREQUENCY TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS264 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS264 Datasheet HTML 1Page - Advanced Monolithic Systems AMS264 Datasheet HTML 2Page - Advanced Monolithic Systems AMS264 Datasheet HTML 3Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS264
Monolithic
PNP SILICON HIGH FREQUENCY TRANSISTOR
Systems
FEATURES
APPLICATIONS
•• High Collector-Emitter Breakdown
120V Min.
•• High density Television
•• High Frequency of 1.2GHz at 50mA
•• Computer Monitors
•• Available in TO-220 Package
GENERAL DESCRIPTION
The AMS264 is an RF type small signal bipolar transistor designed for use in high performance applications such as
advanced color CRT monitor drivers that require both high frequency and high voltage. The use of fully ion implanted
technology and silicon nitride passivation makes the AMS264 a highly reliable device. For a complimentary NPN transistor
in applications where the matching characteristics are important use AMS232.
ORDERING INFORMATION:
PACKAGE TYPE
TO-220
OPERATING JUNCTION
TEMP. RANGE
AMS264
-40
°C to +150°C
PIN CONNECTIONS
1- Emitter
2- Collector
3- Base
ABSOLUTE MAXIMUM RATINGS (Note 1)
Collector - Emitter Voltage
125V
Operating Junction Temperature
150
°C
Collector - Base Voltage
130V
Storage Temperature
-40
°C to +150°C
Emitter - Base Voltage
3.5V
Power Dissipation @ TC =75
°C
5 W
Collector Current
250mA
Thermal Resistance, Junction to Case
25
°C/W
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
1
2
3
FRONT VIEW


Similar Part No. - AMS264

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS26 ADMOS-AMS26 Datasheet
35Kb / 4P
VOLTAGE DETECTOR
AMS26 ADMOS-AMS26 Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS26M-A ADMOS-AMS26M-A Datasheet
35Kb / 4P
VOLTAGE DETECTOR
AMS26M-XA ADMOS-AMS26M-XA Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS26N-A ADMOS-AMS26N-A Datasheet
35Kb / 4P
VOLTAGE DETECTOR
More results

Similar Description - AMS264

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR4957LT1 MOTOROLA-MMBR4957LT1 Datasheet
66Kb / 4P
PNP Silicon High-Frequency Transistor
logo
NEC
NE97733 NEC-NE97733 Datasheet
45Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5583 CENTRAL-CM5583 Datasheet
67Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
Motorola, Inc
MM4019 MOTOROLA-MM4019 Datasheet
62Kb / 2P
HIGH FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957 Datasheet
108Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
CM5160 CENTRAL-CM5160 Datasheet
76Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97833 CEL-NE97833 Datasheet
170Kb / 6P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF545 ASI-MRF545 Datasheet
32Kb / 1P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE97733 CEL-NE97733 Datasheet
477Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957_15 Datasheet
112Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com