Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2906CD Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2906CD
Description  600mA LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2906CD Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2906CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS2906CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS2906CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS2906CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS2906CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS2906CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS2906CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS2906CD Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS2906
Monolithic
600mA LOW DROPOUT VOLTAGE REGULATOR
Systems
FEATURES
APPLICATIONS
•• Three Terminal Adjustable or Fixed Voltages*
•• High Efficiency Linear Regulators
1.5V, 2.5V, 2.85V, 3.3V and 5.0V
•• Post Regulators for Switching Supplies
•• Output Current of 600mA
•• 5V to 3.3V Linear Regulator
•• Operates Down to 1V Dropout
•• Battery Chargers
•• Line Regulation: 0.2% Max.
•• Sound Cards
•• Load Regulation: 0.4% Max.
•• Power Management for Notebook
•• TO-252, SOT-223 and SOT-89 packages
•• Battery Powered Instrumentation
GENERAL DESCRIPTION
The
The AMS2906 series of adjustable and fixed voltage regulators are designed to provide 600mA output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS2906 devices are pin compatible with other three-terminal regulators and are offered in the low profile surface
mount TO-252(DPAK), SOT-223 and SOT-89 packages.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
SOT-89
TO-252
SOT-223
TEMPERATURE
RANGE
AMS2906CL
AMS2906CD
AMS2906
0 to 125
° C
AMS2906CL-1.5
AMS2906CD-1.5
AMS2906-1.5
0 to 125
° C
AMS2906CL-2.5
AMS2906CD-2.5
AMS2906-2.5
0 to 125
° C
AMS2906CL-2.85
AMS2906CD-2.85
AMS2906-2.85
0 to 125
° C
AMS2906CL-3.3
AMS2906CD-3.3
AMS2906-3.3
0 to 125
° C
AMS2906CL-5.0
AMS2906CD-5.0
AMS2906-5.0
0 to 125
° C
*For additional available fixed voltages contact factory.
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
SOT-89 Top View
3
2
1
SOT-223 Top View
1
2
3
TO-252 Front View
1
2
3


Similar Part No. - AMS2906CD

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2906CD ADMOS-AMS2906CD Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906CD-1.5 ADMOS-AMS2906CD-1.5 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906CD-1.8 ADMOS-AMS2906CD-1.8 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906CD-2.5 ADMOS-AMS2906CD-2.5 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906CD-2.85 ADMOS-AMS2906CD-2.85 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2906CD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
600mA Low Dropout NPN Voltage Regulator
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com