Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9313 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9313
Description  N Male to SMB Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9313 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9313 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9313 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male to SMB Jack Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
SMB Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.275 [32.39]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
SMB Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-smb-jack-straight-adapter-pe9313-p.aspx
N Male to SMB JackAdapter from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
N Male to SMB Jack Adapter
PE9313
PE9313 REV


Similar Part No. - PE9313

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9313-EK PEREGRINE-PE9313-EK Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
More results

Similar Description - PE9313

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9122 PASTERNACK-PE9122 Datasheet
249Kb / 2P
SMB Jack to SMB Jack Bulkhead Adapter
PE9132 PASTERNACK-PE9132 Datasheet
236Kb / 2P
SMB Jack to BNC Male Adapter
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
PE9314 PASTERNACK-PE9314 Datasheet
248Kb / 2P
N Male to SMB Plug Adapter
PE9315 PASTERNACK-PE9315 Datasheet
246Kb / 2P
N Female to SMB Jack Adapter
PE9582 PASTERNACK-PE9582 Datasheet
252Kb / 2P
75 Ohm N Male to SMB Jack Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
logo
Linx Technologies
ADP-SMAF-SMBF-G LINX-ADP-SMAF-SMBF-G Datasheet
896Kb / 4P
SMA Jack to SMB Jack Adapter
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com