Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW155 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MW155
Description  120 Watt Medical Adapter Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW155 Datasheet(HTML) 1 Page - SL Power Electronics

  MW155 Datasheet HTML 1Page - SL Power Electronics MW155 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MW155
120 Watt Medical Adapter Series
•100-240VACUniversalInput
•PFCCorrected
•LowLife-CycleOperationCost
•DesktopStyle
•ComplieswithEMI/RFIRegulations
•CEcompliant(LVD,EMC,WEEE,RoHS)
•ImpactResistant,Non-ventedPolycarbonateEnclosure
•IPX1Compliant
•ModifiedandCustomDesignsalsoAvailable
•MeetsENERGYSTARCriteriaLevelIVand
EISARequirements—seereversesidefordetails
International Safety Standard Approvals
LineandLoad
ExcludingCord
±1%
VoltageRegulation
Ripple
1%Vp-pmax.
TransientResponse
5msmax.for50%load
change,slewrateof
0.1A/µs
Protection
Cycle-by-cyclecurrent
limiting,automatic
recoveryforoverloador
shortcircuit;activelatch-
offOTP;activelatch-off
OVP
Output Specifications
Voltage
100-240VACnominal
LineFrequency
47-63Hz
InputCurrent
2.0Amax.
Protection
Inputfuse
Input Specifications
ThermalPerformance OperatingTemperature 0°Cto40°C
withnoDerating
Cooling
Convectional
Non-ventilatedEnclosure
RelativeHumidity
Non-condensing
5%to95%
Altitude
0-10,000feet
StorageTemp
-20°Cto+85°C
Environmental Specifications
Topology
Twostagepowerconver-
sion,current-modecontrol
Efficiency
EnergyStarLevelIV
Certifications
UL60601-1,TUV-EN60601-1,
IEC60601-1
Hold-upTime
16.7msmin.
MTBF
200,000Hours
Weight
24oz(684g)
CaseandDimension
6.6LX3.2WX1.6H(in)
167LX82WX40H(mm)
CaseMaterial
94V-0Polycarbonate,Black
Cord
6ft(1.8m),4-conductor,
18AWGstandard
General Specifications
Specifications
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com


Similar Part No. - MW155

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA05XX SLPOWER-MW152KA05XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA09XX SLPOWER-MW152KA09XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA12XX SLPOWER-MW152KA12XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA15XX SLPOWER-MW152KA15XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
More results

Similar Description - MW155

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSS-22U-033 PHIHONG-PSS-22U-033 Datasheet
130Kb / 2P
24 Watt Universal Input Medical Adapter Series
logo
Tumbler Technologies + ...
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
logo
Bothhand USA, LP.
EA11203 BOTHHAND-EA11203 Datasheet
139Kb / 2P
120 Watt Switching Adapter
logo
SL Power Electronics
MW122 SLPOWER-MW122 Datasheet
109Kb / 2P
MEDICAL 120 WATT SERIES
MW159 SLPOWER-MW159 Datasheet
381Kb / 2P
100 Watt Medical Adapter Family
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
Medical Grade Class II 10 Watt Adapter
DCL112-0MC ASTRODYNE-DCL112-0MC Datasheet
390Kb / 3P
75 Watt Medical Grade Automobile Power Adapter
AHP1001A-01 ASTRODYNE-AHP1001A-01 Datasheet
495Kb / 4P
Medical Grade Class II 10 Watt Adapter
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
160 WATT MEDICAL SWITCH ADAPTER
logo
ETA-USA
MTE175-ZZSX-F-W6 ETA-USA-MTE175-ZZSX-F-W6 Datasheet
1Mb / 4P
175 Watt AC/DC Medical Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com