Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW155 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW155
Description  120 Watt Medical Adapter Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW155 Datasheet(HTML) 2 Page - SL Power Electronics

  MW155 Datasheet HTML 1Page - SL Power Electronics MW155 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MW155
120 Watt Medical Adapter Series
For the most current data and application support visit www.slpower.com
Output
Max
Ault Part Number
Voltage
Min
Max
Watts
MW155RA1251F01
12V
0.00A
9.17A
110.0W*
MW155RA1551F01
15V
0.00A
7.33A
110.0W
MW155RA1851F01
18V
0.00A
6.67A
120.0W
MW155RA2451F01
24V
0.00A
5.00A
120.0W
Output Currents
MW155
R
A
24
51
F
01
Product
Manufacturing
Type
Output
Output
Input
StandardItem
Family
Location
Revision
Voltage
Connector
Connector
(othernumbers
Name
Style
Style
forcustom)
Ault Part Number Key
Input Connectors
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Ault#51Minifitovermoldedconnectorstandard
Output Connectors
Variousoutputcordwiregaugesandconnectorstylesavailable.SeeAult
connectorstylesheetsforconnectoroptions
“Power-on”LED
Active,Latch-offovertemperatureprotectioncircuit
Synchronousrectification
Privatelabelmarking
Optional Features
EMICompliance
EN55011andFCCconductedandradiatedClassB
IEC61000-3-2ClassD
IEC61000-4-2(ESD),CDlevel2andADlevel3,criterionB
IEC61000-4-3(RFS),level2,criterionA
IEC61000-4-4(EFT),level2,criterionA
IEC61000-4-5(Surge),level3,criterionB
General Specifications (continued from p. 1)
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.6/9/08
*12Vmodelrated100Wwithinputvoltagesrated100-110VAC,110Wwithinputvoltagesrated110VAC-240VAC
TheEnergyIndependenceandSecurityActof2007waspassedinDecemberof
2007andaddressesminimumefficiencystandardsandstandbylevelsforClass
Aexternalpowersuppliesthatare250wattsandunder.Thislawstipulates
thatexternalpowersuppliesmanufacturedonJuly1,2008andbeyondmeet
certainminimumefficiencyandstandbycriteriaasdefinedbelow.
MinimumEfficiencyCriteria
Activemodeisdefinedaswhenapowersupply’sinputisconnectedtoline
voltageACanditsoutputisconnectedtoaDCorACloaddrawingaportion
oftheproduct’spoweroutput.Dependingonthepowerratingforthepower
supply,itmustmeettheminimumefficiencycriteriaoutlinedbelow.
Energy-EfficiencyCriteriaforActiveMode:
outputpoweron
minimumaverage
adapterlabel
efficiencypercentage
0to≤lessthan1watt
≥0.50*outputpoweronadapterlabel
>1to≤51watts
≥[0.09*Ln(outputpoweronadapter
label)]+0.50
>51watts
≥0.85
Thepowersupplymustalsomeetarequirementforwhenitsinputis
connectedtoalinevoltageACbutitsoutputisnotconnectedtoaload.
Dependingonthepoweroutputofthesupply,itmustkeepitsenergy
consumptionbelowthefollowingvalues.
EnergyConsumptionCriteriaforNoLoadMode:
outputpoweron
maximumpowerconsumption
adapterlabel
inno-loadmode
0to<250watts
≤0.5watts
2007 Energy Independence and Security Act – EISA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com