Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-213 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-213
Description  Intel짰 Atom??N455/D525 Mini-ITX with CRT/DVI/LVDS, 6 COM, and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-213 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-213 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-213 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
ƒ Supports Intel® Atom™ processor N455 and D525 dual core
ƒ Two 204-pin SODIMM up to 2 GB/4 GB DDR3 800 MHz SDRAM
ƒ Supports 1 PCI and 1 Mini-PCIe expansion, 6 serial ports, 8 USB, and CF
ƒ Lower total cost of ownership with DC12V support and support 18/24-bit
LVDS
ƒ Onboard TPM 1.2 support (optional)
ƒ Supports SUSIAccess and Embedded Software APIs
AIMB-213
Intel® Atom™ N455/D525 Mini-ITX with
CRT/DVI/LVDS, 6 COM, and Dual LAN
Specifications
Processor System
CPU (45 nm)
Intel Atom N455
Intel Atom D525
Max. Speed
1.66 GHz (single core)
1.8 GHz (dual core)
L2 Cache
512 KB
1 MB
Chipset
ICH8M
BIOS
AMI 16 Mbit SPI
Expansion Slot
PCI
32-bit/33 MHz, 1 slot
Mini-PCIe
1
PCIe
-
Memory
Technology
Single channel DDR3 800 MHz SDRAM
Max. Capacity
2 GB/4 GB
Socket
2 x 204 pin SODIMM (Non-ECC)
Graphics
Controller
Embedded Gen3.5+ GFX Core, 200/400-MHz render clock frequency for N455/D525
VRAM
Shared system memory up to 224 MB SDRAM
VGA
Supports up to SXGA 1400 x 1050 @ 60Hz for Atom N455, up to 2048 x 1536 for Atom D525
LVDS
Supports 18/24-bit single channel and up to WXGA 1366 x 768 (Chrontel 7036)
DVI
Supports up to UXGA 1600 x 1200 @ 60Hz (Need installing Chrontel 7036 utility)
Dual Display
VGA + DVI, VGA + LVDS, support extended mode and clone mode
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82567V; GbE LAN2: Intel 82583V
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
3
EIDE
Mode
None
Channel
None
SSD
CompactFlash
Supports CompactFlash Type I/II
Rear I/O
CRT
1
DVI
1
Ethernet
2
USB
4 (USB 2.0 compliant)
Audio
3 (Mic-in, Line-out, Line-in)
Serial
2 (1 of RS-232,1 of RS-232/422/485)
Parallel
-
DC jack
1 (2.5 mm)
Internal Connector
LVDS & Inverter
1
USB
4 (USB 2.0 compliant)
Serial
4 (RS-232), only COM6 supply 5V/12V
IDE
None
SATA
3
SATA PWR connector
3
CompactFlash
1
Parallel
None
DIO
8-bit GPIO
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power
Power type
Single voltage 12V DC input; 1 x External DC jack; 1 x Internal 4-pin (2x2) power connector; Support AT/ATX mode
Power consumption
12 V @ 3.4 A (Intel D510 1.66 GHz processor/DDR2 800 MHz 2 GB, SATA HDD x1)
12 V @ 2.73 A (Intel N455 1.66 GHz processor/DDR2 800 MHz 2 GB, SATA HDD x1)
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F)
-40 ~ 85° C (-40 ~ 185° F)
Physical Characteristics
Dimensions
170 mm x 170 mm (6.69" x 6.69")
Watchdog
GPIO
H/W Monitor Brightness
SMBus
Software APIs:
Utilities
Note: eSOS requires ODM BIOS, available by request
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - AIMB-213

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
AIMB-210F-S6A1E ADVANTECH-AIMB-210F-S6A1E Datasheet
1Mb / 3P
Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
AIMB-210F-S6B1E ADVANTECH-AIMB-210F-S6B1E Datasheet
1Mb / 2P
Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
AIMB-210G2-S6A1E ADVANTECH-AIMB-210G2-S6A1E Datasheet
1Mb / 3P
Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
AIMB-210G2-S6B1E ADVANTECH-AIMB-210G2-S6B1E Datasheet
1Mb / 2P
Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
More results

Similar Description - AIMB-213

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
GMB-N270 ADVANTECH-GMB-N270 Datasheet
315Kb / 2P
Intel짰 ATOM??Mini-ITX with Dual VGA, 6 COM, and Dual LAN
AIMB-210_1206 ADVANTECH-AIMB-210_1206 Datasheet
1Mb / 2P
Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
AIMB-212_1206 ADVANTECH-AIMB-212_1206 Datasheet
1Mb / 2P
Intel짰 Atom??N450/D510 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN ports
AIMB-258 ADVANTECH-AIMB-258_12 Datasheet
1Mb / 2P
Intel짰 Core?? Duo Socket 479 Mini-ITX with CRT/DVI/LVDS, 6 COM and Dual LAN
SIMB-M01 ADVANTECH-SIMB-M01 Datasheet
825Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
logo
Protech Systems Co., Lt...
PMB-822LF PROTECHSYSTEMS-PMB-822LF Datasheet
805Kb / 2P
Intel짰 Atom??N455 / D525 Mini ITX MB w/ VGA/ LVDS/ Audio/ 2 LAN
logo
Advantech Co., Ltd.
AIMB-214-A101-3 ADVANTECH-AIMB-214-A101-3 Datasheet
927Kb / 2P
Intel짰 Atom??N2600/D2550 Mini-ITX with CRT/HDMI/2 LVDS, 6 COM, and Dual LAN
SIMB-M01 ADVANTECH-SIMB-M01_14 Datasheet
625Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
SIMB-M01-1VGS8A1E ADVANTECH-SIMB-M01-1VGS8A1E Datasheet
625Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com