Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-213 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-213
Description  Intel짰 Atom??N455/D525 Mini-ITX with CRT/DVI/LVDS, 6 COM, and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-213 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-213 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-213 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-213
Ordering Information
Part Number
CPU
SC/DC
GbE
COM
LVDS
TPM
Thermal Solution
AIMB-213N-S6A1E
Atom N455
Single core
2
6
1, 18/24-bit
No
Passive
AIMB-213D-S6A1E
Atom D525
Dual core
2
6
1, 18/24-bit
Yes
Active
Note: Passive = fanless; Active = with fan
ICH8M
Fintek
F81216AD
4 RS-232
LPC
SPI
Super I/O Winbond
W83627DHG-P
Infineon TPM 1.2
(optional)
Intel N455/D525
DDR3 800
Channel A
CRT
VGA
24-bit LVDS
Chrontel 7036
LVDS/DVI
1 ATA 100 Port or
CF Type II
3 SATA ports
8 USB Ports
Realtek Audio Codec
ALC892
300 MB/s
DMA 33/66/100
USB 2.0/1.1
HD Audio
8-bit GPIO
BIOS
GbE LAN1:
Intel 82567V
GbE LAN2:
Intel 82583V
PCI
PCIe x1
PCIe x1
32-bit/33MHz PCI Bus
PCIe x1
Mini-PCIe
1 RS-232, 1 RS-232/422/485
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with four ports, 30.5 cm
1757003082
Adapter AC100-240V 60 W +12V/5A FSP
1757003062
Adapter AC100-240V 60W +12V/5A(Delta)
1700018699
KBMS cable 1*6P-2.5/DIN-6P(F)*2, 25 cm
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070010792
WES09 AIMB-213 V4.0 ENG ATI PSNL
2070010791
WES7 E SP1 x86 AIMB-213 V5.1 ENG
ATI PSNL
Win CE
2070011086
CE 7.0 Pro AIMB-213 V1.0 ENG
Software API
TBD
SUSI V3.0 SW API for AIMB-213 XP
I/O View
AIMB-213N-S6A1E
AIMB-213D-S6A1E
Packing List
Part number
Description
Quantity
1700003194
SATA HDD cable
3
1700018785
SATA power cable
3
1700008876
1-to-4 serial ports cable kit, 35 cm
1
1960046526N001
CPU cooler (For Atom D525 only)
1
1960050473T000
I/O port bracket
1
2002021310
Startup manual
1
2062021300
Driver CD
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com