Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS682CS Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS682CS
Description  INVERTING VOLTAGE DOUBLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS682CS Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS682CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS682
ABSOLUTE MAXIMUM RATINGS
VIN
+5.8V
Operating Temperature Range
VIN
∆V/∆T
1V/
µsec
AMS682E
-40
°C to 85°C
VOUT
-11.6V
AMS682C
0
°C to 70°C
VOUT Short Circuit Duration
Continuous
Storage temperature
-85
°C to +150°C
Power Dissipation (TA
70
°C)
Soldering information
Plastic DIP
730mW
Lead Temperature (Soldering 10sec)
+300
°C
SOIC
470mW
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =+5V and TA = +25°C test circuit figure 1, unless otherwise specified.
Parameter
Conditions
AMS682
Min
Typ
Max
Units
Supply Voltage Range
VIN
RL=2k
2.4
5.5
V
Supply Current
IIN
RL =
RL =
185
300
400
µA
VOUT Source Resistance
Source Resistance
ROUT
I
-
L = 10mA
I
-
L =10mA
I
-
L = 5mA , VIN = 2.8V
140
170
180
230
320
Oscillator Frequency
FOSC
12
kHz
Power Efficiency
PEFF
RL = 2k
90
92
%
Voltage Conversion Efficiency
VOUTEFF
VOUT RL=
99
99.9
%
PIN DESCRIPTION
PIN NO
8-PIN DIP/SOIC
SYMBOL
DESCRIPTION
1
C1
-
Input. Capacitor C1 negative
terminal.
2
C2
+
Input. Capacitor C2 positive
terminal.
3
C2
-
Input. Capacitor C2 negative
terminal
4
VOUT
Output. Negative output voltage
(-2VIN)
5
GND
Input. Device ground.
6
VIN
Input. Power supply voltage.
7
C1
+
Input. Capacitor C1 positive
terminal.
8
ON/OFF
ON/OFF Oscilator.
V
IN
(+5V)
V-
OUT
GND
All Caps = 3.3
µF
4
2
3
1
C
1
-
C
2
+
C
2
-
V-
OUT
C
1
+
V
IN
ON/OFF
GND
5
7
8
6
C
OUT
+
-
R
L
C
2
C
1
+
-
-
+
Figure 1. AMS682 Test Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com