Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS682CS Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS682CS
Description  INVERTING VOLTAGE DOUBLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS682CS Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS682CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS682CS Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS682
APPLICATIONS (Continued)
Capacitor Selection
The output resistance of the AMS682 is determined in part by
the ESR of the capacitors used. An expression for ROUT is
derived as shown below:
ROUT = 2( RSW1+RSW2+ESRC1+ RSW3+RSW4+ESRC2)
+2(RSW1+RSW2+ESRC1+ RSW3+RSW4+ESRC2)
+1/ (fPUMP X C1) +1/ (fPUMP X C2) + ESRC3
Assuming all switch resistances are approximately equal:
ROUT = 16 RSW+ 4ESRC1+ 4ESRC2+ ESRC3
+1/ (fPUMP X C1) +1/ (fPUMP X C2)
ROUT is typically 140
Ω at +25°C with VIN =+5V and 3.3µF
low ESR capacitors. The fixed term (16RSW) is about 80-
90
Ω. Increasing or decreasing values of C1 and C2 will affect
efficiency by changing ROUT.
Table 1 shows ROUT for various values of C1 and C2 (assume
0.5
Ω ESR). C1 must be rated at 6VDC or greater while C2
and C3 must be rated at 12VDC or greater.
Output voltage ripple is affected by C3. Typically the larger
the value of C3 the less the ripple for a given load current.
The formula for p-p VRIPPLE is :
VRIPPLE = [1/[2(fPUMP X C3)]+2(ESRC3)] (IOUT)
For a 10
µF (0.5Ω ESR), f
PUMP = 10kHz and IOUT=10mA the
peak -to-peak ripple voltage at the output will be less than
60mV. In most applications (IOUT
≤ 10mA) a 10-20µF
capacitor and 1-5
µF pump capacitors will be sufficient. Table
2 shows VRIPPLE for different values of C3 (assume 1
Ω ESR).
Paralleling devices
Paralleling multiple AMS682 reduces the output resistance of
the converter. The effective output resistance is the output
resistance of one device divided by the number of devices.
Figure 5 illustrates how each device requires separate pump
capacitors C1 and C2, but all can share a single reservoir
capacitor.
-5V Regulated Supply From A Single 3V Battery
Figure 6 shows a -5V power supply using one 3V battery.
The AMS682 provides -6V at V
-
OUT , which is regulated to -5V
by the negative LDO. The AMS682 input can vary from 3V to
5.5V without affecting regulation significantly. A voltage
detector is connected to the battery to detect undervoltage.
This unit is set to detect at 2.7V. With higher input voltage,
more current can be drawn from the outputs of the AMS682.
With 5V at VIN , 10mA can be drawn from the regulated
output. Assuming 150
Ω source resistance for the converter,
with IL=10mA, the charge pump will drop 1.5V.
Table 1. ROUT vs. C1, C2
Table 2. VRIPPLE Peak-to-Peak vs. C3 (IOUT =10mA)
C1, C2 (
µµF)
ROUT (
Ω)
C3(
µµF)
VRIPPLE (mV)
0.05
4085
0.50
1020
0.10
2084
1.00
520
0.47
510
3.30
172
1.00
285
5.00
120
3.30
145
10.00
70
5.00
125
22.00
43
10.00
105
100.00
25
22.00
94
100.00
87



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com