Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSOP-07DP Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMSOP-07DP
Description  LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSOP-07DP Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMSOP-07DP Datasheet HTML 1Page - Advanced Monolithic Systems AMSOP-07DP Datasheet HTML 2Page - Advanced Monolithic Systems AMSOP-07DP Datasheet HTML 3Page - Advanced Monolithic Systems AMSOP-07DP Datasheet HTML 4Page - Advanced Monolithic Systems AMSOP-07DP Datasheet HTML 5Page - Advanced Monolithic Systems AMSOP-07DP Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMSOP-07
Monolithic
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
Systems
FEATURES
APPLICATIONS
•• Low V
OS………………………………………. 75
µµV Max
•• High-Gain Instrumentation
•• Low V
OS Drift.……………………………. 1.3
µµV/°°C Max
•• Precision Data Acquisition
•• Ultra Stable with Time……………… 1.5µµV/Month Max
•• Precision Integrators
•• Low Noise …………………………………..0.6µµV
P-P Max
•• Precision Threshold Detectors
•• Wide Input Voltage Range ……………………..… ±±14V
•• Biomedical Amplifiers
•• Wide Supply Voltage Range ……………… ±±3V to ±±18V
GENERAL DESCRIPTION
The AMSOP-07 is a precision operational amplifier with a very low input offset voltage. This device features a wide input
voltage range of
±13V minimum, low input bias current, high impedance, high CMRR, excellent stability of offsets and gain
over time and temperature. Excellent linearity can be maintained even at high closed-loop gains.
Low cost, low noise, low offsets and high open-loop gain make the AMSOP-07 an excellent choice particularly for high-gain
instrumentation applications. Other applications include precision data acquisition, precision integrators, threshold detectors
and medical instrumentation.
The AMSOP-07 is operational in the full industrial temperature range of -40
°C to 85°C and is available in the 8 lead SOIC
and plastic dip (PDIP) packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
8 LEAD SOIC
8 LEAD PDIP
TEMPERATURE RANGE
±
75
µV AMSOP-07ES
AMSOP-07EP
-40 to 85
° C
±
150
µV AMSOP-07CS
AMSOP-07CP
-40 to 85
° C
±
150
µV AMSOP-07DS
AMSOP-07DP
-40 to 85
° C
PIN CONNECTIONS
8 Lead SOIC/ 8Lead PDIP
Top View
1
2
8
4
3
7
5
6
OUT
N/C
V+
V
OS TRIM
-IN
+IN
V
OS TRIM
V-


Similar Part No. - AMSOP-07DP

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSOP-07DP ADMOS-AMSOP-07DP Datasheet
62Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results

Similar Description - AMSOP-07DP

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
76Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177 Datasheet
35Kb / 5P
Ultra Low Offset Voltage Operational Amplifier
July 1994
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_98 Datasheet
578Kb / 10P
2MHz, Ultra-Low Offset Voltage Operational Amplifier
September 1998
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
Ultra Low Offset Voltage Operational Amplifier
November 2004
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-77 ADMOS-AMSOP-77 Datasheet
70Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400_V01 Datasheet
225Kb / 6P
Ultra-Low Offset Voltage Operational Amplifier
2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com