Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSOP-77GS Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMSOP-77GS
Description  ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSOP-77GS Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMSOP-77GS Datasheet HTML 1Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 2Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 3Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 4Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 5Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 6Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMSOP-77
TYPICAL APPLICATIONS
Precision High-Gain Differential Amplifier
TYPE
AMOUNT
COMMON-MODE VOLTAGE
0.01%/V
GAIN LINEARITY, WORST CASE
0.02%
TCVOS
0.008%/
°C
TCIOS
0.008%/
°C
Bilateral Current Source
Basic Current Source
100mA current Source
These current sources will supply both positive and negative current into a grounded
load.
Note that
R1
R3
R2
R4
R5
1
R2
R4
R5
ZO
−
+
⎟
⎠
⎞
⎜
⎝
⎛
+
=
and that for ZO to be indefinite,
R1
R3
must
R2
R4
R5
=
+
.
OP-77E
+
-
R2
1k
Ω
0.1
µF
-15V
+15V
1k
Ω
R4
1M
Ω
4
6
7
2
3
0.1
µF
1M
Ω
R3
R1
The high gain, gain linearity, CMRR, low TCVOS of the OP-77
make it possible to obtain performance not previously available in
single stage very high-gain amplifier applications.
For the best CMR,
R4
R3
equal
must
R2
1
R
. In this example, with a
10mV differential signal, the maximum errors are as listed.
OP-77
+
-
1k
Ω
100k
Ω
I
OUT≤ 15mA
100k
Ω
990
Ω
6
2
3
R4
R5
10
Ω
R3
R1
R2
V
IN
OP-77
+
-
I
OUT≤ 100mA
6
2
3
R4
R5
R3
R1
R2
V
IN
50
Ω
-15V
2N2907
2N2222
+15V
R5
*
R1
R3
V
I
IN
OUT
=
GIVEN R3= R4+R5, R1=R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com