Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSOP-77GS Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMSOP-77GS
Description  ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSOP-77GS Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMSOP-77GS Datasheet HTML 1Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 2Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 3Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 4Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 5Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 6Page - Advanced Monolithic Systems AMSOP-77GS Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMSOP-77
TYPICAL APPLICATIONS (Continued)
Precision Current Sinks
Positive Current Sink
Positive current Source
These simple high current sinks require that the load float between the power
supply and the sink. In these circuits, OP-77’s high gain, high CMRR, and
low TCVOS assure high accuracy.
Precision Absolute Value Amplifier
The high gain and low TCVOS assure accurate operation with inputs from
microvolts to volts. In this circuit, this signal always appears as a common-mode
signal to the op amps. The OP-77E CMRR of 1
µV/V assures errors of less than
2ppm.
Low Noise Precision Reference
This circuit relies upon OP-77’s low TCVOS and noise combined with very high CMRR,
to provide precision buffering of the averaged REF-01 voltage outputs.
OP-77
+
-
R
L
200
Ω
IRF520
R1
1
Ω
V+
V
IN
I
O
R1
V
I
IN
O
=
0V
VIN
≥
FULL SCALE OF 1V,
I
O = 1A/V
OP-77
+
-
R1
200
Ω
IRF520
R
L
V
IN
I
O
V-
R1
V
I
IN
O
=
0V
VIN
≤
OP-77E
+
-
0.1
µF
-15V
+15V
R3
2k
Ω
4
6
7
2
3
0.1
µF
1k
Ω
OP-77E
+
-
0.1
µF
-15V
+15V
4
6
7
2
3
0.1
µF
1k
Ω
V
OUT
0< V
OUT<10V
C1
30pF
D1
1N4148
2N4393
D2
2
6
4
V
O
REF-01
2
6
4
V
O
REF-01
2
6
4
V
O
REF-01
100k
Ω
100k
Ω
100k
Ω
OP-77
+
-
V
OUT
0.1
µF
+15V
10
µF
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com