Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431C Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS431C
Description  PRECISION ADJUSTABLE SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431C Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS431C Datasheet HTML 1Page - Advanced Monolithic Systems AMS431C Datasheet HTML 2Page - Advanced Monolithic Systems AMS431C Datasheet HTML 3Page - Advanced Monolithic Systems AMS431C Datasheet HTML 4Page - Advanced Monolithic Systems AMS431C Datasheet HTML 5Page - Advanced Monolithic Systems AMS431C Datasheet HTML 6Page - Advanced Monolithic Systems AMS431C Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS431
ABSOLUTE MAXIMUM RATINGS (Note 1)
Cathode Voltage (VZ)
37V
Internal Power Dissipation (PD)
Continuous Cathode Current (IZ)
-10mA to +150mA
TO-92 Package
0.78W
Reference Input Current (IREF)
10mA
SO-8 Package
0.71W
Junction Temperature (TJ)
-40
°C to +125°C
SOT-89 Package
0.91W
SOT-23 Package
0.28W
Storage temperature
-65
°C to +150°C
Thermal Resistance (
ϕ
JA)
Lead Temperature (Soldering, 10sec.)
265
°C
TO-92 Package
160
°C/W
SO-8 Package
175
°C/W
SOT-89 Package
110
°C/W
SOT-23 Package
410
°C/W
Note 1 : Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IZ =10 mA and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS431A
Min
Typ
Max
AMS431B
Min
Typ
Max
AMS431C
Min
Typ
Max
Units
Reference Voltage
2.489
2.495
2.501
2.483
2.495
2.507
2.470
2.495
2.520
V
Deviation of Reference
Input Voltage over
Temperature
VZ = VREF (circuit 1)
TA = +25
°C to +85°C
TA = -40
°C to +25°C
8.0
8.0
15
15
8.0
8.0
15
15
8.0
8.0
15
15
mV
mV
Ratio of Change in
VZ from VREF to 10V
-0.5
-2.7
-0.5
-2.7
-0.5
-2.7
mV/V
Reference Voltage to
Cathode Voltage
VZ from VREF to 36V
-1.0
-2.0
-1.0
-2.0
-1.0
-2.0
mV/V
Reference Input Current
R1 =10k
Ω, R2 = ∞Ω
(test circuit 2)
0.5
4.0
0.5
4.0
0.5
4.0
µA
Reference Input Current
Deviation over
Temperature
R1 =10k
Ω, R2 = ∞Ω
TA = Full Range
(test circuit 2)
0.4
1.2
0.4
1.2
0.4
1.2
µA
Off State Cathode
Current
VZ = 36V, VREF = 0V
( test circuit 3)
0.04
0.5
0.04
0.5
0.04
0.5
µA
Dynamic Output
Impedance
f < 1KHz, VZ = VREF
IZ =100
µA to 100mA
(test circuit 1)
0.25
0.5
0.25
0.5
0.25
0.5
Ω
Minimum Operating
Current
VZ = VREF
(test circuit 1)
100
250
100
250
100
250
µA
RECOMMENDED OPERATING CONDITIONS:
Min
Max
Cathode Voltage, (VZ)
VREF
36 V
Cathode Current, (IZ)
0.25mA
120mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com