Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431C Datasheet (PDF) - Advanced Monolithic Systems

AMS431C Datasheet PDF - Advanced Monolithic Systems
Part # AMS431C
Download  AMS431C Download
File Size   72.46 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description PRECISION ADJUSTABLE SHUNT REGULATOR

AMS431C Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS431C Datasheet PDF - Advanced Monolithic Systems

Part # AMS431C
Download  AMS431C Click to download

File Size   72.46 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description PRECISION ADJUSTABLE SHUNT REGULATOR

AMS431C Datasheet (HTML) - Advanced Monolithic Systems


AMS431C Product details

GENERAL DESCRIPTION

The AMS431 is a three-terminal adjustable shunt regulator with guaranteed temperature stability over the entire range of operation. The output voltage can be set to any value between 2.5V (VREF) and 36V by adding two external resistors. Due to the sharp turn-on characteristics this device is an excellent replacement for zener diodes in many applications. AMS431 is available in TO-92, SO-8, SOT-89 and SOT-23 packages.



FEATURES

· Trimmed 0.25% Reference

· Wide Operating Current Range 250mA to 150mA

· Low Dynamic Output Impedance

· Low Output Noise

· Nominal Temperature Range to 85°C

· Temperature-Compensated: 60ppm/°C

· Internal Amplifier with 150mA Capability



APPLICATIONS

· Battery Powered Systems

· Switching Power Supplies

· Adjustable Power Supplies

· Linear Regulators

· Error Amplifiers

· Notebook/Personal Computer

· Monitors/ VCR/ TV

· Pagers



 




Similar Part No. - AMS431C

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431L ADMOS-AMS431L Datasheet
63Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431L AMS-AMS431L Datasheet
133Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431LA ADMOS-AMS431LA Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
More results


Similar Description - AMS431C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com