Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLD150 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GLD150
Description  150 Watt Multiple Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLD150 Datasheet(HTML) 1 Page - SL Power Electronics

  GLD150 Datasheet HTML 1Page - SL Power Electronics GLD150 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inhibit
Inhibit signal is pulled to the V1 output common to reduce average output voltage
to less than 5% of nominal.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the EMC requirements of IEC601-1.
Unless otherwise stated, all tests are done at full load and 115 and 230 Vac input.
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
2.8 A line current maximum, at 90 Vac, 60 Hz with full rated load, power factor
.99 typical, .96 minimum. Input current harmonic content meets the require-
ments of IEC1000-3-2.
Output Power
150 W with convection cooling, 180 W with fan cooling. Peak ratings are for
60 s maximum duration, 10% duty cycle.
Efficiency
Minimum 80% at full rated load with 230 Vac Input. Approximately 3% less at
115 Vac.
Hold-Up Time
Outputs will remain within regulation limits for 25 ms minimum from loss of
ac input at full load, 10 ms before Power Fail indication.
Output Regulation
Total regulation is the maximum deviation from the nominal voltage for all
steady state loading conditions.
Overload Protection
Fully protected against short circuit and output overload. Short circuit protec-
tion is cycling type power limit.
Minimum Load
No minimum load required to maintain output specifications.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz Bandwidth, differential mode. Measured with
noise probe directly across output terminals of the power supply.
Transient Response
Main Output - 500 μs typical response time for return to within 0.5% of final
value for a 50% load step change, di/dt< 0.2 A μs. Maximum voltage devia-
tion is 3%.
Remote Sense
Standard feature on all models, includes open sense lead protection.
Overvoltage Protection
Built in on all models.
Input Protection
Internal ac fuses provided on both lines on all units.
Voltage Adjustment
Output Voltage is adjustable +/- 5% with user adjustable potentiometer.
Temperature Coefficient
0.03% / °C typical on all outputs.
Overshoot
Less than 2% overshoot at turn-on under all conditions, less than 1% over-
shoot at turn-off under all conditions.
GLD150 Gold Performance Medical Switchers
150 Watt Multiple Output
• Compact 4.5” x 7” x 1.7” size
• Power factor corrected to IEC 1000-3-2 Class A
• Less than 300 μA leakage
• EMI compliance to CISPR11, FCC Class B
• Power fail and remote sense standard
• Medical Approved to UL2601-1, IEC601-1/60601-1
and CSA-C22.2 No. 601.1
• 2 year warranty
• RoHS Compliant Model Available (G suffix)
PERFORMANCE MEDICAL SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
FEATURES:
SPECIFICATIONS
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
Conducted RF Susceptibility
Voltage Sags & Surges
EN55011, Class B; FCC Class B
EN61000-4-2, 6 kV contact 8 kV air
EN61000-4-3, 3V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
EN61000-4-6, 3V
EN61000-4-11
Inrush Current
Inrush 240 Vac is less than 37 A, averaged over the first ac halfcycle under cold
start conditions. Limiting provided by internal thermistors.
Fan Output
An additional 12 Vdc, 250 mA output suitable for powering a dc fan is included in
all models. The fan output is both current limited and thermally protected.
Thermal Shutdown
Provided as a standard feature. Designed to protect unit from prolonged over
temperature.
Power Fail
TTL / CMOS compatible output goes low (<0.5 V) 8 ms before output voltage
drops more than 4% below nominal voltage upon loss of ac power.
Power Good
TTL / CMOS compatible output goes high more than 100 ms after V1 reaches
regulation and should assure that sufficient energy is stored in the input section to
provide normal power fail/shutdown.
Medical Approvals
All models are Certified to be in compliance with the applicable requirements of
UL2601-1, CSA-C22.2 No. 601.1, IEC601-1/60601-1.
Leakage Current
70 μA, 132 Vac @ 60 Hz normal conditions. Single fault conditions, 130 μA, 254 Vac
@ 50 Hz.
Design Verification Documents
The “Gold” series has undergone rigorous review and design analysis. The follow-
ing product documentation is available upon request;
1. MTBF study
2. DVT Data
3. EMC / Susceptibility test results


Similar Part No. - GLD150

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLD140 SLPOWER-GLD140 Datasheet
141Kb / 2P
140 Watt Multiple Output
GLD140A SLPOWER-GLD140A Datasheet
141Kb / 2P
140 Watt Multiple Output
GLD140B SLPOWER-GLD140B Datasheet
141Kb / 2P
140 Watt Multiple Output
GLD140C SLPOWER-GLD140C Datasheet
141Kb / 2P
140 Watt Multiple Output
GLD140D SLPOWER-GLD140D Datasheet
141Kb / 2P
140 Watt Multiple Output
More results

Similar Description - GLD150

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033 Datasheet
99Kb / 3P
25 Watt Single and Multiple Output
logo
SL Power Electronics
GLD140 SLPOWER-GLD140 Datasheet
141Kb / 2P
140 Watt Multiple Output
MAX-500 SLPOWER-MAX-500 Datasheet
120Kb / 2P
MAX-500 Multiple Watt Output
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033_14 Datasheet
78Kb / 3P
25 Watt Single and Multiple Output
logo
Recom International Pow...
RACD150 RECOM-RACD150 Datasheet
103Kb / 2P
150 Watt Single Output
RACD150-A RECOM-RACD150-A Datasheet
116Kb / 2P
150 Watt Single Output
RACD150-PSE RECOM-RACD150-PSE Datasheet
100Kb / 2P
150 Watt Single Output
RACG150-S RECOM-RACG150-S Datasheet
449Kb / 4P
150 Watt Single Output
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
150 Watt Single Output Power Supply
TLP150N-99S12J ARTESYN-TLP150N-99S12J Datasheet
673Kb / 4P
Single Output 150 Watt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com