Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLD150 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLD150
Description  150 Watt Multiple Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLD150 Datasheet(HTML) 2 Page - SL Power Electronics

  GLD150 Datasheet HTML 1Page - SL Power Electronics GLD150 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics, Inc. 6050 King Drive, Bldg A, Ventura, CA, 93003, USA. Phone: (805) 486 4565 Fax: (805) 487 8911 Email: info@slpower.com. www.slpower.com Rev.
06/07. Data Sheet © 2006 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A, D)
0 to +50°C
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GLD150 MECHANICAL SPECIFICATIONS
INPUT
J1
MOLEX P.C.B. HEADER P/N: 39-30-2056
PIN 1) AC GROUND
PIN 2) N/C
PIN 3) AC NEUTRAL
PIN 4) N/C
PIN 5) AC LINE
MATING CONNECTOR MOLEX P/N
HOUSING 39-01-4051
CONTACT 39-00-0182
SIGNALS
J2
AMP P.C.B. HEADER P/N 641215-6
PIN 1) INHIBIT
PIN 2) +SENSE
PIN 3) POWER GOOD
PIN 4) -SENSE
PIN 5) COMMON
PIN 6) POWER FAIL
MATING CONNECTOR AMP P/N
HOUSING 770602-6
CONTACT 770666-2
OUTPUT
J3
MOLEX P.C.B. HEADER P/N: 39-29-9085
PINS 3,4,7,8) +Vout
PINS 1,2,5,6) RETURN
MATING CONNECTOR MOLEX P/N
HOUSING 39-01-2080
CONTACT 39-00-0182
FAN
AMP P.C.B. HEADER P/N: 641215-2
PINS 1) RTN
PINS 2) +12V
MATING CONNECTOR AMP P/N
HOUSING 770602-2
CONTACT 770666-02
Cover option: P/N 08-30466-0150
Cover with fan option: P/N 09-150CF
Notes:
* Add “G” suffix to part number for RoHS compliant model. Contact factory for availability.
A. Maximum continuous current rating for unrestricted convection cooling.
B. Maximum continuous current rating with 150 LFM air or peak rating.
C. Add “C” suffix for cover option and derate convection rating to 130 W.
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
D. Derate output power to 50% at 70°C.
Medical
Model
RoHS
Suffix*
Output
Voltage
Output
Current (A)
Output
Current (B)
Voltage
Adjustment
Total
Regulation
OVP
Setpoint
Ripple
and Noise
GLD150-12
G
12 V
12.5 A
15 A
± 5%
2%
14 ± 1.1 V
1%
GLD150-15
G
15 V
10 A
12 A
± 5%
2%
18.5 ± 1.5 V
1%
GLD150-24
G
24 V
6.2 A
7.5 A
± 5%
2%
28 ± 2.5 V
1%
GLD150-28
G
28 V
5.3 A
6.4 A
± 5%
2%
34 ± 2.8 V
1%
GLD150-48
G
48 V
3.2 A
3.75 A
± 5%
2%
55 ± 4.0 V
1%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com