Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLD140F Datasheet(PDF) 1 Page - SL Power Electronics

Part # GLD140F
Description  140 Watt Multiple Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLD140F Datasheet(HTML) 1 Page - SL Power Electronics

  GLD140F Datasheet HTML 1Page - SL Power Electronics GLD140F Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GLD140 Gold Performance Medical Switchers
140 Watt Multiple Output
FEATURES:
• Compact size (4.5" x 8.5" x 1.95")
• Power factor corrected to IEC 1000-3-2 Class A
• Documented FMEA, WCA and EMC test results
• EMI compliance to CISPR11, FCC Class B, IEC601-1-2
• Approved to UL2601, IEC601-1 and
CSA 22.2 No. 601.1-M90 and EN60601: 1990
•
marked to LVD
Ac Input
90-264 Vac, 47-63 Hz single phase.
Output Power
Continuous output power 140 W with unrestricted convection
cooling, 180 W with 150 LFM of air.
Input Current
Active Power Factor Correction circuitry assures compliance
with IEC1000-3-2, Class A. Maximum input current at minimum
input voltage and full load is 3.0 A.
Efficiency
73 – 85 % at full rated load, nominal input voltage, depending on
model and load distribution.
Hold-up Time
26 ms total. 16 ms minimum from loss of ac input at full load until
activation of the power fail signal. Output voltages remain within
specified regulation limits for an additional 9 ms minimum after
power fail activates.
Overload Protection
Fully protected against short circuit and output overload. Short
circuit protection is cycling type power limit.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz Bandwidth, differential mode.
Measured with noise probe directly across output terminals of
the power supply.
Transient Response
500 µs typical response time for return to within 0.5% of final
value for a 45% load step from any load greater than 10% of full
rated load,
∆i/∆t< 0.2 A µs. Maximum voltage deviation is 3.5%.
Remote Sense
Provided as a standard feature on V1 and V2.
Overvoltage Protection
Built in on V1, 2 and 3 outputs.
Voltage Adjustment
Factory set to specified voltage with user adjustable potentiom-
eter on V1, 2 and 3. User can adjust V1, 2 and 3 at least ±5% of
nominal output voltage.
Output Regulation
Regulation for all outputs is the maximum deviation from initial
set point under all line and load conditions. Initial set tolerance is
measured with all outputs at 50 % of full rated load.
No Load Turn-On/Standby
A minimum load of 3 A on V1 is required for proper regulation. If
not met, no degradation of reliability will occur.
Temperature Coefficient
0.03% / °C typical on all outputs.
Input Protection
Internal ac fuses provided on both lines on all units.
Inrush Current
Inrush is limited by internal thermistors. The inrush at 240 Vac,
averaged over the first ac half-cycle under cold start conditions
will not exceed 37 A.
Thermal Shutdown
Provided as a standard feature. Designed to protect unit from
prolonged over temperature.
Power Fail
TTL / CMOS compatible output goes low (<0.5 V) 10 ms before
output voltage drops more than 4% below nominal voltage upon
loss of ac power.
Power Good
TTL / CMOS compatible output rises high 100 to 300 ms after V1
reaches regulation and should assure that sufficient energy is
stored in the input section to provide normal power fail /
shutdown.
Inhibit
Inhibit signal when pulled to the V1 output common will inhibit all
output voltages.
Fan Output
An additional thermally controlled 12 Vdc, 250 mA output suitable
for powering a dc fan is included in all models (Factory installed
cover with fan makes this output unavailable).
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following
requirements:
EMC SPECIFICATION
COMPLIANCE LEVEL
Conducted Emissions
EN55011, Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact 8 kV air
RF Field Susceptibility
EN61000-4-3, 3V/meter
Fast Transients / Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Conducted RF Susceptibility EN61000-4-6, 3V
Voltage Sags & Surges
EN61000-4-11
Line Frequency Harmonics
EN61000-3-2 Class A
EMC Compliance for Gold Series
Magnetic Emissions - Emissions will not exceed the limits of the
Army curve in MIL-STD-461D, RE101 when measured at 7 cm
from 30 Hz - 100 kHz over all nominal inputs and at full rated load.
Leakage Current
70 µA under normal conditions 120 Vac @ 60 Hz
Single fault conditions 280 µA, 264 Vac @ 50 Hz.
SAFETY AGENCY APPROVALS:
All models are Certified to be in compliance with the
applicable requirements of UL2601-1, CSA-C22.2 No. 601.1,
IEC 601-1/60601-1.
DESIGN VERIFICATION DOCUMENTS
The “Gold” series has undergone rigorous review and design
analysis. The following product documentation is available upon
request: 1. Failure Mode and Effects analysis (FMEA), 2. DVT
Data, 3. EMC / Susceptibility test results.
SPECIFICATIONS:


Similar Part No. - GLD140F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLD150 SLPOWER-GLD150 Datasheet
242Kb / 2P
150 Watt Multiple Output
GLD150-12 SLPOWER-GLD150-12 Datasheet
242Kb / 2P
150 Watt Multiple Output
GLD150-15 SLPOWER-GLD150-15 Datasheet
242Kb / 2P
150 Watt Multiple Output
GLD150-24 SLPOWER-GLD150-24 Datasheet
242Kb / 2P
150 Watt Multiple Output
GLD150-28 SLPOWER-GLD150-28 Datasheet
242Kb / 2P
150 Watt Multiple Output
More results

Similar Description - GLD140F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W42 ETC1-W42 Datasheet
66Kb / 1P
42 Watt Multiple Output Regulated Power Supplies
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033 Datasheet
99Kb / 3P
25 Watt Single and Multiple Output
logo
SL Power Electronics
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
GLD150 SLPOWER-GLD150 Datasheet
242Kb / 2P
150 Watt Multiple Output
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
80 Watt Global Single and Multiple Output Performance Switchers
MAX-500 SLPOWER-MAX-500 Datasheet
120Kb / 2P
MAX-500 Multiple Watt Output
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033_14 Datasheet
78Kb / 3P
25 Watt Single and Multiple Output
logo
SL Power Electronics
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM65 SLPOWER-GLM65 Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com