Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLD140F Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLD140F
Description  140 Watt Multiple Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLD140F Datasheet(HTML) 2 Page - SL Power Electronics

  GLD140F Datasheet HTML 1Page - SL Power Electronics GLD140F Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
59
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GLD140 Medical Switchers 140 Watt Multiple Output
l
a
c
i
d
e
M
l
e
d
o
M
t
u
p
t
u
O
.
o
N
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
t
u
O
)
A
(
t
n
e
r
r
u
C
t
u
p
t
u
O
)
B
(
t
n
e
r
r
u
C
t
e
S
e
c
n
a
r
e
l
o
T
e
n
i
L
d
a
o
L
P
V
O
p
i
r
T
e
l
p
p
i
R
e
s
i
o
N
d
n
a
A
0
4
1
D
L
G
1
2
3
4
V
0
.
5
+
V
2
1
+
)
C
(
V
2
1
V
2
1
-
A
6
1
A
6
A
4
A
5
7
.
0
A
0
2
A
8
A
5
A
2
.
1
%
1
%
1
%
1
%
2
.
2
%
1
%
1
%
1
%
1
V
3
.
0
±
2
.
6
V
7
.
0
±
4
1
V
2
.
1
±
4
1
-
-
-
-
-
-
-
%
1
%
1
%
1
%
1
B
0
4
1
D
L
G
1
2
3
4
V
0
.
5
+
V
2
1
+
)
C
(
V
5
V
2
1
-
A
6
1
A
6
A
4
5
7
.
0
A
0
2
A
8
A
5
A
2
.
1
%
1
%
1
%
1
%
2
.
2
%
1
%
1
%
1
%
1
V
3
.
0
±
2
.
6
V
7
.
0
±
4
1
V
5
.
±
3
.
6
-
-
-
-
-
-
-
%
1
%
1
%
1
%
1
C
0
4
1
D
L
G
1
2
3
4
V
0
.
5
+
V
2
1
+
)
C
(
V
5
1
V
5
1
-
A
6
1
A
6
A
4
A
5
7
.
0
A
0
2
A
8
A
5
A
2
.
1
%
1
%
1
%
1
%
2
.
2
%
1
%
1
%
1
%
1
V
3
.
0
±
2
.
6
V
7
.
0
±
4
1
V
2
.
1
±
8
1
-
-
-
-
-
-
-
%
1
%
1
%
1
%
1
D
0
4
1
D
L
G
1
2
3
4
V
0
.
5
+
V
4
2
+
)
C
(
V
2
1
V
2
1
-
A
6
1
A
4
A
4
5
7
.
0
A
0
2
A
6
A
5
A
2
.
1
%
1
%
1
%
1
%
2
.
2
%
1
%
1
%
1
%
1
V
3
.
0
±
2
.
6
V
1
±
7
2
V
2
.
1
±
4
1
-
-
-
-
-
-
-
%
1
%
1
%
1
%
1
E
0
4
1
D
L
G
1
2
3
4
V
0
.
5
+
V
4
2
+
)
C
(
V
5
1
V
5
1
-
A
6
1
A
4
A
4
A
5
7
.
0
A
0
2
A
6
A
5
A
2
.
1
%
1
%
1
%
1
%
2
.
2
%
1
%
1
%
1
%
1
V
3
.
0
±
2
.
6
V
1
±
7
2
V
2
.
1
±
8
1
-
-
-
-
-
-
-
%
1
%
1
%
1
%
1
F
0
4
1
D
L
G
1
2
3
4
V
0
.
5
+
V
5
1
+
)
C
(
V
2
1
V
2
1
-
A
6
1
A
5
A
4
A
5
7
.
0
A
0
2
A
7
A
5
A
2
.
1
%
1
%
1
%
1
%
2
.
2
%
1
%
1
%
1
%
1
V
3
.
0
±
2
.
6
V
2
.
1
±
8
1
V
2
.
1
±
4
1
-
-
-
-
-
-
-
%
1
%
1
%
1
%
1
G
0
4
1
D
L
G
1
2
3
4
V
0
.
5
+
V
3
.
3
+
)
C
(
V
2
1
V
2
1
-
A
6
1
A
0
1
A
4
A
5
7
.
0
A
0
2
A
2
1
A
5
A
2
.
1
%
1
%
1
%
1
%
2
.
2
%
1
%
1
%
1
%
1
V
3
.
0
±
2
.
6
V
4
.
0
±
2
.
4
V
2
.
1
±
4
1
-
-
-
-
-
-
-
%
1
%
1
%
1
%
1
Output Current for Individual Outputs:
A. Output current for unrestricted natural convection.
B. Output current with 150 LFM forced air convection or peak current rating.
C. Isolated (floating) output may be referenced positive or negative.
A. Units should be allowed to warm up/operate under non-condensing conditions
before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes.Tested for 10 min./axis operating and 1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes,
total 6 shocks.
l
a
t
n
e
m
n
o
r
i
v
n
E
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
t
a
r
e
p
O
g
n
i
t
a
r
e
p
o
-
n
o
N
)
A
(
e
r
u
t
a
r
e
p
m
e
T0
5
o
t
0
oC5
8
+
o
t
0
4
-
oC
)
A
(
y
t
i
d
i
m
u
HH
R
%
5
9
o
t
0H
R
%
5
9
o
t
0
)
B
(
k
c
o
h
Sg
0
2
k
p
g
0
4
k
p
e
d
u
t
i
t
l
At
f
0
0
0
,
0
1
o
t
0
0
5
-t
f
0
0
0
,
0
4
o
t
0
0
5
-
)
C
(
n
o
i
t
a
r
b
i
Vg
5
.
1
s
m
r
g
3
0
0
.
0
,
2
z
H
/g
5
s
m
r
g
6
2
0
.
0
,
2
z
H
/
INPUT: JI
MOLEX P.C.B. HEADER P/N 39-30-2056
PIN 1) AC GROUND
PIN 2) N/C
PIN 3) AC NEUTRAL
PIN 4) N/C
PIN 5) AC LINE
MATING CONNECTOR MOLEX P/N:
HOUSING 39-01-4051, CONTACT 39-00-0164
SIGNALS: J2
AMP P.C.B. HEADER P/N: 641215-6
PIN 1) +SENSE
PIN 2) -SENSE
PIN 3) POWER FAIL
PIN 4) POWER GOOD
PIN 5) COMMON
PIN 6) INHIBIT
MATING CONNECTOR AMP P/N:
HOUSING 770602-6, CONTACT 770666-2
OUTPUT: J3
MOLEX P.C.B. HEADER P/N: 39-29-9206
PINS 1) +V3out
PINS 2) -V4out
PINS 3,12,13) COMMON
PINS 4) +V2 SENSE
PINS 5,14,15) +V2out
PINS 6-8, 16) COMMON
PINS 9,10,19,20) +V1out
PINS 11) +V3 RTN
PINS 17,18) COMMON
MATING CONNECTOR MOLEX P/N:
HOUSING 39-01-2200, CONTACT 39-00-0164
FAN: J5
AMP P.C.B. HEADER P/N 641215-2
PINS 1) FAN RTN
PINS 2) +FAN
MATING CONNECTOR AMP P/N:
HOUSING 770602-2, CONTACT 770666-2
GLD140 MECHANICAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com