Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-552cannotbe Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-552cannotbe
Description  Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-552cannotbe Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-552cannotbe Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-552cannotbe Datasheet HTML 2Page - Advantech Co., Ltd. AIMB-552cannotbe Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Industrial Motherboards
All product specifications are subject to change without notice
Last updated : 22-April-2010
Features
AIMB-552
Socket 479 Intel® Pentium® M/Celeron® M
MicroATX, VGA/LVDS, 10 COM, & Dual LAN
Intel® 910GMLE/915GME chipset supporting 400/533 MHz FSB processor
Dual channel DDR2 400/533 SDRAM up to 2 GB
Supports dual display for VGA, LVDS, and DVI (optional)
Supports 10 serial ports, 8 USB, 2 SATA ports, 2 LAN and CF
Supports embedded software APIs and utilities
Specifications
Processor System
CPU (90 nm/130 nm)
Intel Pentium M
Intel Celeron M
Intel ULV Celeron M
Max. Speed
760 2.0 GHz
370 1.5 GHz
1 GHz on board
Front Side Bus
533 MHz
400 MHz
400 MHz
L2 Cache
2 MB
1 MB
0 KB
Chipset
Intel 915GME/910GMLE + ICH6M
BIOS
Award 4 Mbit, FWH
Expansion Slot
PCI
32-bit/33 MHz, 3 slots
Memory
Technology
Dual channel DDR2 400/533 SDRAM
Max. Capacity
2 GB
Socket
2 x 240-pin DIMM
Graphics
Embedded
Intel GMA 900 sharing 128 MB system memory
LVDS
Single channel 24-bit/dual channel 48-bit LVDS
DVI
Chrontel 7307C SDVO Transimtter (optional)
Dual display
CRT + LVDS, CRT + DVI, LVDS + DVI
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Realtek RTL8111C, GbE LAN2: Realtek RTL8111C
Connector
RJ-45 x 2
SATA
Max. Data Transfer Rate
150 MB/s
Channel
2
EIDE
Mode
ATA 100/66/33
Channels
1 (max. two devices)
SSD
CompactFlash
CompactFlash Type I/II
I/O Interface
VGA
1
LVDS
1
DVI
1 (optional)
LAN
2
USB
8
Audio
2 (Line-out, Mic-in)
Serial
10 (2 of RS-232/422/485)
Parallel
1 (SPP/EPP/ECP)
FDD
1
PS/2
2 (1 x keyboard and 1 x mouse)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Power On
Pentium 2.0 GHz PGA (FSB 533), 1GB DDR2 667
Celeron M 1.0 GHz BGA (FSB 400), 1 GB DDR2 533
+5 V
+3.3 V
+12 V
+5 V
+3.3 V
+12 V
2.62 A
0.55 A
1.84 A
3.17 A
0.403 A
0.527 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F)
-20 ~ 70° C (-4~150° F)
Physical Characteristics
Dimensions (W x D)
244 mm x 244 mm (9.6" x 9.6")
* Intel 910GMLE only supports FSB 400 processor and DDR2 400 SDRAM
Watchdog
GPIO
H/W Monitor
Utilities:
BIOS flash Monitoring
Software APIs:


Similar Part No. - AIMB-552cannotbe

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-552 ADVANTECH-AIMB-552 Datasheet
1Mb / 3P
Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
AIMB-552G2-00A1E ADVANTECH-AIMB-552G2-00A1E Datasheet
1Mb / 3P
Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
AIMB-552G2-S0A1E ADVANTECH-AIMB-552G2-S0A1E Datasheet
1Mb / 3P
Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
More results

Similar Description - AIMB-552cannotbe

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-252 ADVANTECH-AIMB-252 Datasheet
1Mb / 3P
Intel짰 Pentium짰 M/Celeron짰 M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
09-Nov-2009
AIMB-552 ADVANTECH-AIMB-552 Datasheet
1Mb / 3P
Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
PCA-6008 ADVANTECH-PCA-6008 Datasheet
355Kb / 2P
Socket 479 Pentium짰 M/ Celeron짰 M Processor Card with VGA / DVI / Dual GbE LAN
PCM-4380 ADVANTECH-PCM-4380 Datasheet
340Kb / 2P
Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4381 ADVANTECH-PCM-4381 Datasheet
378Kb / 2P
Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
AIMB-252 ADVANTECH-AIMB-252_12 Datasheet
1Mb / 2P
Intel짰 Pentium짰 M/Celeron짰 M Socket 478 Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
PCA-6008 ADVANTECH-PCA-6008_11 Datasheet
744Kb / 2P
Socket 479 Pentium짰 M SBC with VGA/DVI/Dual GbE
logo
AAEON Technology
EMB-852T AAEON-EMB-852T Datasheet
225Kb / 1P
Socket-478M Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915 AAEON-COM-915 Datasheet
300Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com