Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-552cannotbe Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-552cannotbe
Description  Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-552cannotbe Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-552cannotbe Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-552cannotbe Datasheet HTML 2Page - Advantech Co., Ltd. AIMB-552cannotbe Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Board Diagram
AIMB-552
Packing List
Part Number
Description
Quantity
1700340640
FDD cable
1
1701400452
IDE HDD cable
1
1700003194
Serial ATA HDD data cable
2
1703150102
Serial ATA HDD power cable
2
1701100300
COM port cable kit
5
9689000068
Jumper pack
1
1960012532T100
I/O bracket
1
-
Startup manual
1
-
Utility CD
1
1750000348
CPU cooler for AIMB-552G2-00A1E
1
1960017368T000
Passive heatsink for AIMB-552G2-S0A1E
1
Optional Accessories
Part Number
Description
1700008461
USB cable with four ports, 30.5cm
1700002204
USB cable with dual ports, 27cm
1700003195
USB cable with dual ports, 17.5cm
1700000821
DVI cables
Embedded OS
OS
Part No.
Description
Win XPE
2070004038
XPE FP2007 AIMB-552 V3.1ENG
Intel 910GMLE/
915GME GMCH
CRT
1 ATA 100 port
2 SATA ports
8 USB Ports
Intel Socket 479
Pentium M/
Celeron M Processor
Audio Codec ALC655
ICH6M
150MB/s
DMA 33/66/100
USB 2.0/1.1
AC-97
VGA
24-bit LVDS
DDR2 400/ 533
DDR2 400/ 533
Channel A
Channel B
PCI1~3
Edge Connector
LVDS
DVI
SDVO
GbE-LAN2:
Realtek 8111C
GbE-LAN1:
Realtek 8111C
PCIe x1
PCIe x1
Super IO
Winbond
83627HG
Fintek
4 serial
4 serial
Fintek
FWH
BIOS
AIMB-552G2-00A1E
AIMB-552G2-S0A1E
Ordering Information
Part Number
On board
processor Chipset
DDR2
Display
GbE
AIMB-552G2-S0A1E
Celeron
1 GHz
910GMLE 400
VGA/LVDS
2
AIMB-552G2-00A1E
-
915GME
400/533 VGA/LVDS/
DVI
2
*AIMB-552 cannot be installed in ACP-2000MB chassis
Riser Card
Part Number
Description
AIMB-RP10P-01A1E
1U riser card for 1 PCI expansion
Bracket View



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com