Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR254 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # AR254
Description  Plastic material used carries Underwriters Laboratory Classification 94V-0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

AR254 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  AR254 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. AR254 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5
R
5
AR250 TH U AR2 10
Features
Mechanical Data
· Plastic material used carries Underwriters Laboratory
Classification 94V-0
· Low cost construction utilizing void-free
molded plastic technique
· Low cost
· Diffused junctions
· Low leakage
· High surge capability
· High temperature soldering guaranteed :
250℃ for 10 seconds
Maximum Ratings And Electrical Characteristics
· Case : AR molded plastic
· Terminals : Plated terminals, solderable per
MIL-STD-750, method 208
· Polarity : Color ring denotes cathode end
· Mounting Position : Any
· Weight : 0.07 ounce, 1.8 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 25.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V dc.
(2) Reverse recovery test conditions:IF=0.5A, IR=1.0A, Irr=0.25A
(3) Thermal resistance from junction to case, single side cooled.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method) TJ=150℃
VDC
Maximum average forward rectified current
at TC=150℃
Maximum instantaneous forward voltage
at 25.0A
VRRM
Volts
Symbols
Units
VF
VRMS
25.0
Amps
Amps
400
IFSM
TJ
TSTG
250
-50 to +175
℃
Volts
Maximum DC reverse current
at rated DC blocking voltage
Typical reverse recovery time (Note 2)
Typical junction capacitance (Note 1) TJ=25℃
Operating and storage temperature range
50
AR
2505
35
50
100
AR
251
70
100
200
AR
252
140
200
400
AR
254
280
400
600
AR
256
420
600
800
AR
258
560
800
1000
AR
2510
700
1000
5.0
1.0
3.0
Volts
μA
℃/W
μS
I(AV)
IR
TC=25℃
TC=100℃
300
trr
Typical thermal resistance (Note 3)
pF
1.0
CJ
RθJC
Dimensions in inches and (millimeters)
AR
0.185(4.7)
0.165(4.2)
0.250(6.4)
0.235(6.0)
0.410(10.4)
0.380(9.7)
0.225(5.7)
0.215(5.5)
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - AR254

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
AR254 DAESAN-AR254 Datasheet
269Kb / 2P
CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS
logo
Galaxy Semi-Conductor H...
AR254 BILIN-AR254 Datasheet
207Kb / 2P
AUTOMOTIVE RECTIFIER
logo
TAITRON Components Inco...
AR254 TAITRON-AR254 Datasheet
129Kb / 4P
25A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR254 UNIOHM-AR254 Datasheet
156Kb / 2P
25.0 AMP SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
AR254 MIC-AR254 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
More results

Similar Description - AR254

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR7150 KERSEMI-MBR7150 Datasheet
987Kb / 2P
Plastic material used carries Underwriters Laboratory Classifications 94V-0
MBRF10150CT KERSEMI-MBRF10150CT Datasheet
894Kb / 2P
Plastic material used carries Underwriters Laboratory Classifications 94V-0
MBRF20150CT KERSEMI-MBRF20150CT Datasheet
921Kb / 2P
Plastic material used carries Underwriters Laboratory Classifications 94V-0
logo
SemiHow Co.,Ltd.
HDP10A20 SEMIHOW-HDP10A20 Datasheet
511Kb / 3P
Plastic Material used Carries Underwriters Laboratory
logo
Sangdest Microelectroni...
6A05-6A10 SMC-6A05-6A10 Datasheet
138Kb / 4P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
BY251 SMC-BY251 Datasheet
154Kb / 4P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
RS1A SMC-RS1A Datasheet
169Kb / 5P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
logo
List of Unclassifed Man...
RS1AF-THR-RS1MF ETC2-RS1AF-THR-RS1MF Datasheet
529Kb / 2P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBJ8A FS-GBJ8A Datasheet
202Kb / 2P
Plastic material has Underwriters Laboratory Flammability Classification 94V-0
GBU4A FS-GBU4A Datasheet
158Kb / 2P
Plastic material has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com