Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR254 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # AR254
Description  Plastic material used carries Underwriters Laboratory Classification 94V-0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

AR254 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  AR254 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. AR254 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
O
AMBIENT TEMPERATURE.( C)
FORWARD VOLTAGE. (V)
0
20
40
60
80 100 120 140
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLESAT 60Hz
FIG.4- TYPICAL REVERSECHARACTERISTICS
PERCENT OF RATED PEAK REVERSEVOLTAGE. (%)
FIG.5- TYPICAL JUNCTIONCAPACITANCE
REVERSE VOLTAGE. (V)
f=1.0MHz
Vsig=50mVp-p
O
Tj=25 C
FIG.3- TYPICAL FORWARD CHARACTERISTICS
O
Tj=100 C
1
10
100
1
2
5
10
20
50
1 00
O
Tj=25 C
PULSE WIDTH-300uS
2% DUTY CYCLE
8.3ms Single Half Wave
JEDEC Method
50
40
30
20
10
0
125
135
145
155
165
175
600
400
300
200
100
80
60
1000
100
10
1.0
0.1
0.6
1.0
1.4
1.8
2.2
2.6
100
60
40
20
10
6
4
2
1
0.6
0.4
0.2
0.1
1000
500
100
50
O
Tj=25 C
O
Tj=150 C
O
Tj=25 C
Cycle
HALF SINE WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
5
R
5
AR250 TH U AR2 10
CURRENT 25.0 Amperes
VOLTAGE 50 to 1000 Volts
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com