Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC910H Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IPC910H
Description  4 COM ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC910H Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IPC910H Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC910H Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
319
Din-jack for IPC910H-D
Phoenix plug for IPC910H-P
2 expansion slots
IPC910H
2-slot Fanless System with Socket M Intel
®
Core™2 Duo Processor up to 2.33 GHz,
Intel
® 945GME Chipset, PCIe and PCI Slots
● Socket M for Intel
® Core™2 Duo/ Core™ Duo/ Celeron® M
processor up to 2.33 GHz
● Intel
® 945GME+ICH7M-DH chipset
● Dual 10/100/1000 Ethernet ports
● 6 USB 2.0 and VGA ports
● 4 COM ports
● Supports PCIe & PCI expansion slots
● DC to DC power supply supports 18V to 28V
Specifications
Standard Color
Silver
Construction
Aluminum extrusion heavy-duty cold-rolled steel, IP30
Processor
System
CPU Level
Socket M for Intel
® Core™2 Duo/ Core™ Duo/Celeron® M
processor up to 2.33 GHz
Max. Speed
2.33 GHz
Front Side Bus 533/677 MHz
Chipset
Intel
® 945GME + ICH7M-DH
System Memory
2 x 200-pin DDR2 533/667 SO-DIMM socket, up to 4 GB
I/O Interface-Rear
3 x RS-232 (COM 2/3/4)
1 x RS-232/422/485 (COM 1)
1 x VGA
1 x PS/2 keyboard/mouse
2 x USB 2.0
2 x 10/100/1000Mbps Ethernet
ATX power on/off switch
1 x 2-pin connector output for remote power on/off switch
I/O Interface-Front
4 x USB 2.0
HDD access/power LEDs
Expansion Interface
HAB100: 1 PCIe x1 & 1 PCIe x4
HAB103: 1 PCI & 1 PCIe x4
Drive Capacity
1 x 2.5 drive bay
1 x onboard CompactFlash Socket
Power Input
DC ATX 120W
Input: 18 ~ 28VDC
Output: +3.3 @ 5A, +5V @ 6A, +12V @ 5A, -12V @ 0.1A,
+5VSB @ 2.5A
AC-DC power adapter
Input: 100 ~ 240VAC
Output: +19V @ 4.74A
Operating Temperature
0° ~ +45°C (32°F ~ 113°F) (with W.T. HDD) (ambient with
air flow, CPU loading 100%)
Storage Temperature
-20°C ~ +80°C (-4°F ~ +170°F)
Humidity
10% ~ 90%, non-condensing
Dimensions
188 mm (7.4") x 241.2 mm (9.48") x 150.4 mm (5.9")
Weight (net/gross)
6 kg (13.22 lb)/6.2 kg (13.67 lb)
Certification
CE
OS Support Embedded
Windows
® 2000, Windows® XP, Window® XP
Features
Fanless
IP30
Rear view


Similar Part No. - IPC910H

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC912-211-FL AXIOMTEK-IPC912-211-FL Datasheet
541Kb / 2P
Supports 2 expansion slots
IPC912-211-FL-CAN AXIOMTEK-IPC912-211-FL-CAN Datasheet
544Kb / 2P
Supports CAN Bus module
IPC912-213-FL AXIOMTEK-IPC912-213-FL Datasheet
485Kb / 2P
Supports 2 expansion slots
IPC912-213-FL-HAB100-AC AXIOMTEK-IPC912-213-FL-HAB100-AC Datasheet
484Kb / 2P
DC to DC power supply supports 10V ~ 30V
IPC912-213-FL-HAB100-DC AXIOMTEK-IPC912-213-FL-HAB100-DC Datasheet
484Kb / 2P
DC to DC power supply supports 10V ~ 30V
More results

Similar Description - IPC910H

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA831 AXIOMTEK-CAPA831 Datasheet
283Kb / 1P
4 COM ports
EP100 AXIOMTEK-EP100 Datasheet
267Kb / 1P
4 COM ports
EP830 AXIOMTEK-EP830 Datasheet
229Kb / 1P
4 COM ports, 4 USB 2.0 and 2 IEEE 1394a ports
NANO831 AXIOMTEK-NANO831 Datasheet
327Kb / 1P
2 COM ports
PICO100 AXIOMTEK-PICO100 Datasheet
291Kb / 1P
2 COM ports
PICO830 AXIOMTEK-PICO830 Datasheet
338Kb / 1P
2 COM ports
SBC84620 AXIOMTEK-SBC84620 Datasheet
229Kb / 1P
4 COM ports and 4 USB 2.0 ports
SBC84621 AXIOMTEK-SBC84621 Datasheet
226Kb / 1P
4 COM ports and 4 USB 2.0 ports
SBC84832 AXIOMTEK-SBC84832 Datasheet
270Kb / 1P
2 COM ports
EBOX532-100-FL AXIOMTEK-EBOX532-100-FL_16 Datasheet
458Kb / 1P
Supports 4 USB 2.0 ports and 2 COM ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com