Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC910H Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IPC910H
Description  4 COM ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC910H Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC910H Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC910H Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
320
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Optional Items
Packing List
Ordering Information
Power Protection
Dimensions
Front & Rear Metal Panel I/O Layout
PCIe Version
IPC910H-P/HAB100
(P/N: E26G910100)
Socket M Intel
® Core™2 Duo fanless system with PCIe slot
and DC-in ATX 120W P/S
IPC910H-D/HAB100
(P/N: E26G910101)
Socket M Intel
® Core™2 Duo fanless system with PCIe
slot,DC-in ATX 120W P/S and AC-DC 90W power adapter
and US power cord
PCI+PCIe Version
IPC910H-P/HAB103
(P/N: E26G910102)
Socket M Intel
® Core™2 Duo fanless system with PCI &
PCIe slots and DC-in ATX 120W P/S
IPC910H-D/HAB103
(P/N: E26G910103)
Socket M Intel
® Core™2 Duo fanless system with PCI & PCIe
slots, DC-in ATX 120W P/S and AC-DC 90W power adapter
and US power cord
*Specifications and certifications are based on options and may vary.
AC Version
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)
DC Version
SCP (short circuit protection)
OVP (over voltage protection)
OLP (over load protection)
2.5" SATA HDD: 250 GB, 320 GB, 500 GB
Intel
® Core™2 Duo processor: T7400 (E9B0B0D050) 2.16 GHz
Intel
® Core™ Duo processor: T2500 (E9B0C0D050) 2.0 GHz
Intel
® Celeron® M processor: Celeron M 410 1.46 GHz
Intel
® Celeron® M processor: Celeron M 440 1.86 GHz
DDR2 SODIMM: 1 GB, 2 GB
CompactFlash : 2 GB, 4 GB, 8 GB
Embedded OS: XPE SP2 OS Image and License
DIN 6P-6P PS/2 KB+Mouse (RC) x 1
TB HD-515 3P (F) 180D P=5.08 green RC x 1 (for IPC910H-P)
External power switch cable
19V 90W adapter and US power cord (for IPC910H-D)
Driver CD
Quick manual
Wall mount bracket x 2
Foot pad x 4
Screw pack x 1
1. PS/2 K/B+M/S
2. ATX power switch
3. Power connector (AC-IN or phoenix plug)
4. Remote power switch
5. USB 2.0 x 2
6. VGA port
7. Ethernet x 2
8. RS-232 (COM 1)
RS-232/422/485 (COM 2/3/4)
9. USB 2.0 x 2
10. USB 2.0 x 2
11. LED for power & HDD
9
10
11
4
8
1
5
6
7
2 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com