Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMT175 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # MMT175
Description  Built-in internal microphone/2W stereo speakers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MMT175 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  MMT175 Datasheet HTML 1Page - Axiomtek Co., Ltd. MMT175 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
544
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Industrial Panel
Computers &
Monitors
Heavy-duty Fanless
Touch Panel
Computers
Digital
Signage
Solutions
Healthcare
& Medical
Solutions
Open Frame
Panel
Computers
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Specifications
Optional Accessories
Dimensions
Input Signal
VGA Video: R.G.B Analog 0.7v Peak-to-Peak
Video
S-Video
DVI
Touchscreen: USB interface
Audio-in
3 USB (1 slave, 2 host)
I/O Connector
1 x USB for touchscreen control
1 x VGA input
1 x RCA video
1 x S-Video for video
1 x DVI
1 x lock-type DC power input
1 x Audio-in
2 x USB (2 host)
Power Adapter
Lock type external 24V AC/DC medical grade power
adapter
Touchscreen
Thickness
Resistive: 3.2mm
Light Transmission
Resistive: 80%
Power Consumption Resistive: +5V @ 100mA
Touch Life
Resistive: 35million touches
Controller interface
USB connector
Dimensions
438 mm (17.24") (W) x 68.5 mm (2.69") (D)
x 376.4 mm (14.8") (H)
Packing Dimensions
610 mm (24.02") (W) x 260 mm (10.24") (D)
x 590 mm (23.23") (H)
Weight (net/gross)
8.46 kg (18.52 lb)/10.96 kg (24.16 lb)
Environment
Operating temperature: 0° ~ +45°C (32°F ~ 104°F)
Storage temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 20% ~ 90%, non-condensing
Certification
UL60601-1, EN60601-1, CE, FCC class B
MMT175
17" TFT medical grade monitor with USB 2.0 interface
resistive touchscreen
MMT175-DVDRW
17" TFT medical grade monitor with USB 2.0
resistive touchscreen, Super Multi drive and 1.3 mega pixels
camera
* Specification and certifications are based on options and may vary.
**Super Multi drive includes DVD-R, DVD-RW and DVD-RAM.
E202003330
VM-101 VESA ARM (clamp type)
E202003329
VM-105 VESA ARM (wall mount type)
E228170100
17" stand kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com