Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMT175 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # MMT175
Description  Built-in internal microphone/2W stereo speakers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MMT175 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  MMT175 Datasheet HTML 1Page - Axiomtek Co., Ltd. MMT175 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
543
1. Camera
2. Auto-adjusted/Return
3. Menu
4. SEL+/SEL-
5. Power LED
6. Monitor switch
7. Audio-out
8. DVI
9. VGA
10. S-video
11. Video
12. Power switch
13. Audio (Mic-in)
14. USB 2.0 x 2
15. USB (type B)
16. DC-in power connector
MMT175
17" TFT Multi-function Medical Grade Touch
LCD Monitor
● 17" TFT 380 nits SXGA LCD
● Water/dust-proof design (front bezel: IP65, full enclosure:
IPX1)
● Built-in internal microphone/2W stereo speakers
● Optional Bluetooth/1.3 mega pixels camera/DVD-RW/RFID
● Supports multi-signal inputs: VGA, S-video, video, DVI,
Audio-in, 3 USB ports (1 slave, 2 host)
● Supports wall mount, desktop stand and VESA FPMPMI
● UL60601-1, EN60601-1, CE, FCC class B certified
● Supports NTSC, PAL
Introduction
Specifications
The MMT175 is a slim medical grade touch LCD monitor, which adopts 17-inch 380
nits SXGA LCD display. Especially designed for medical environment, it adopts IPX1
waterproof design which protects the entire system from outside liquid, preventing
system from crashing. This fanless unit features only 69mm in thickness and is outfitted
with user-friendly OSD for easy data entry. To ensure medical operation safety, The
MMT175 complies with UL60601-1/EN60601-1, CE and FCC Class B certifications. By
supporting lock-type medical adaptor plug, this slim medical grade monitor fits all kinds
of harsh environments. Its high brightness display also incorporates multi-signal inputs
of VGA, S-video, video, DVI, audio-in and 3 USB ports (1 slave, 2 host) to connect with
a wide range of medical equipments. Its optional 1.3 mega pixels camera and built-in
microphone/2W stereo speakers enables remote communication. In addition, Bluetooth is
an available option for wireless connection with medical peripheral devices. To improve
patient treatment accuracy, the optional RFID (radio frequency identification) offers an
efficient way to validate patient identification and give proper treatment.
Front Bezel
Plastic ABS
Mounting
Desktop stand, wall mounting or VESA
FPMPMI mounting (video electronics standards association
Flat Panel monitor physical mounting interface)
LCD Panel
Display Type
17" TFT LCD
Max. Resolution
1280 x 1024
Max. Colors
16.7M
Active Area (mm)
337.92 x 270.33
Pixel Pitch (mm)
0.264 x 0.264
Response Time
5ms
Backlight
CCFL
Backlight MTBF
50,000 hrs
Viewing Angle (H/V) 160°/160°
Contrast Ratio
800 (TYP.)
Brightness (cd/m
2)
380 nits
Display Control
OSD (on screen display)
Display Mode
VGA 640 x 480 (60/72Hz), VGA 640 x 350 (70Hz),
VGA 720 x 400 (70Hz), XGA 1024 x 768 (60/70/75Hz),
SVGA 800 x 600 (60/72Hz)
SXGA 1280 x 1024 (60/70/75Hz)
Features
Compact CD-ROM drive
16
15
14
13
12
10
7
8
9
11
Fanless
IPX1
IP65
1
2
3
4
5
6
Rear view
Side view


Similar Part No. - MMT175

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
MMT1.25 CONQUER-MMT1.25 Datasheet
200Kb / 1P
8.35 x 3.95 x 5.0 mm
MMT1.60 CONQUER-MMT1.60 Datasheet
200Kb / 1P
8.35 x 3.95 x 5.0 mm
logo
List of Unclassifed Man...
MMT1001 ETC-MMT1001 Datasheet
263Kb / 3P
Resistive-type humidity and temperature sensor/module
logo
ON Semiconductor
MMT10B230T3 ONSEMI-MMT10B230T3 Datasheet
48Kb / 6P
Thyristor Surge Protectors
March, 2004 ??Rev. 7
MMT10B230T3 ONSEMI-MMT10B230T3 Datasheet
60Kb / 6P
Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
More results

Similar Description - MMT175

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
2W Stereo Audio Amplifier
logo
Asahi Kasei Microsystem...
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
stereo CODEC with built-in Microphone-Amplifier
logo
Rohm
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
2W 2W Stereo Speaker / Headphone Amplifier
logo
Princeton Technology Co...
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
PT2337 PTC-PT2337 Datasheet
259Kb / 5P
Stereo 2W Class-D Amplifier With Built-In Audio Processor
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
logo
Axiomtek Co., Ltd.
MMT225 AXIOMTEK-MMT225 Datasheet
284Kb / 2P
Built-in internal microphone
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
logo
Axiomtek Co., Ltd.
MMT225 AXIOMTEK-MMT225_15 Datasheet
394Kb / 2P
Built-in internal microphone/2W stereo speakers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com