Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S511 Datasheet(PDF) 2 Page - A-Data Technology

Part # S511
Description  Disque Dur SSD ADATA S511 (SATA III)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

S511 Datasheet(HTML) 2 Page - A-Data Technology

  S511 Datasheet HTML 1Page - A-Data Technology S511 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adata-group.com
Disque Dur SSD ADATA S511 (SATA III)
Informations environnementales
Information commande
Dimensions (mm)
61.71
3
69.85 0.25
ADATA Part No.
S511S3 60GB SF2281
S511S3 120GB SF2281
S511S3 240GB SF2281
S511S3 480GB SF2281
60GO
120GO
240GO
480GO
AS511S3-60GM-C
AS511S3-120GM-C
AS511S3-240GM-C
AS511S3-480GM-C
Description
Capacité
> Consommation d’énergie (W): 0.6W à l'arrêt
3.0W en fonctionnement
> Température de fonctionnement: 0~70°C
> Température de stockage: -40~85°C
> Humidité en fonctionnement: 10% ~ 90% (0° ~ 40°C)
> Humidité en stockage: 5% ~ 90% (-10° ~ 40°C)
> Altitude maximum en opération: 12000m



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com