Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 3 Page - Marl International Limited

Part # 511
Description  횠12.7mm mounting Robust bright nickel plated brass housing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

511 Datasheet(HTML) 3 Page - Marl International Limited

  511 Datasheet HTML 1Page - Marl International Limited 511 Datasheet HTML 2Page - Marl International Limited 511 Datasheet HTML 3Page - Marl International Limited 511 Datasheet HTML 4Page - Marl International Limited 511 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
to order
de-rating information
BS EN ISO 9001:2008
approved manufacturer
511 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
also available
Part numbers also available in the 511 series:
Part
Number
Colour
Voltage
Vopr
511-501-04
Red
20 mA dc
511-501-21-15
Red
12 Vdc
511-501-22
Red
24 Vdc
511-501-41
Red
8 Vdc
511-501-48
Red
60 Vdc
511-501-72
Red
24 Vac 50 Hz
511-501-75
Red
110 Vac 50 Hz
511-501-75-13
Red
110 Vac 50 Hz
511-501-76
Red
230 Vac 50 Hz
511-503-23
Red
28 Vdc
511-503-72
Red
24 Vac 50 Hz
511-509-76-15
Yellow
230 Vac 50 Hz
511-512-21
Green
12 Vdc
511-512-23
Green
28 Vdc
511-512-76-15
Green
230 Vac 50 Hz
511-521-41
Yellow
8 Vdc
511-521-48
Yellow
60 Vdc
511-521-75
Yellow
110 Vac 50 Hz
511-521-76
Yellow
230 Vac 50 Hz
511-532-04
Green
20 mA dc
511-532-22
Green
24 Vdc
511-532-23-51
Green
28 Vdc
511-532-41
Green
8 Vdc
511-532-46
Green
35 Vdc
511-532-46-50
Green
35 Vdc
511-532-48
Green
60 Vdc
511-532-72
Green
24 Vac 50 Hz
511-532-75
Green
110 Vac 50 Hz
511-532-76
Green
230 Vac 50 Hz
Part
Number
Colour
Voltage
Vopr
511-532-76-15
Green
230 Vac 50 Hz
511-930-04
Blue
20 mA dc
511-930-24
Blue
48 Vdc
511-997-24
White
48 Vdc
The products listed here illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 511 - version 2012-12-06-113728
page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com