Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 1 Page - Marl International Limited

Part # 511
Description  횠12.7mm mounting Robust bright nickel plated brass housing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

511 Datasheet(HTML) 1 Page - Marl International Limited

  511 Datasheet HTML 1Page - Marl International Limited 511 Datasheet HTML 2Page - Marl International Limited 511 Datasheet HTML 3Page - Marl International Limited 511 Datasheet HTML 4Page - Marl International Limited 511 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
511 series
• Ø12.7mm mounting
• Robust bright nickel plated brass housing
• Sealed to IP67
• Flying lead terminations available
• Suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
511-501-21
Red
12 Vdc
19
600
630
-40 - +80
-40 - +100
D
511-521-21
Yellow
12 Vdc
19
600
585
-40 - +80
-40 - +100
D
511-532-21
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
511-930-21
Blue
12 Vdc
20
140
465
-30 - +85
-40 - +100
U
511-997-21
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
511-501-23
Red
28 Vdc
20
600
630
-40 - +80
-40 - +100
D
511-521-23
Yellow
28 Vdc
20
600
585
-40 - +80
-40 - +100
D
511-532-23
Green
28 Vdc
20
800
515
-40 - +80
-40 - +100
F
511-930-23
Blue
28 Vdc
20
140
465
-30 - +85
-40 - +100
U
511-997-23
White
28 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 511 - version 2012-12-06-113728
page 1 of 5


Similar Part No. - 511

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507 MARL-507 Datasheet
434Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
508 MARL-508 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
514 MARL-514 Datasheet
373Kb / 4P
횠12.7mm mounting Robust bright nickel plated brass housing
515 MARL-515 Datasheet
397Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
531 MARL-531 Datasheet
317Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
603 MARL-603 Datasheet
464Kb / 4P
횠5.0mm mounting Robust bright nickel plated brass housing
604 MARL-604 Datasheet
460Kb / 4P
횠5.0mm mounting Robust bright nickel plated brass housing
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
Robust bright nickel plated brass housing
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com