Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO-293A Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # VCXO-293A
Description  Output frequency of 1.544 to 32.768MHz is available
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

VCXO-293A Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  VCXO-293A Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Output frequency of 1.544 to 32.768MHz
is available
Standard frequency
• 27MHz
How to Order
VO 27.0000000 M
□□□□□□□
①
②
③
④
① Function
VO
→VCXO
② Output Frequency
③Frequency Unit
M
→MHz
④ Individual Specification
RoHS Compliant
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Frequency Range
fO
—
1.544
32.768
MHz
Storage Temperature Range
T_stg
—
-40
+85
°C
Operating Temperature Range
T_use
—
-20
+70
°C
Supply Voltage
VCC
—
4.75
5.25
V
Current consumption
ICC
—
—
27
mA
Frequency Temperature characteristics
fO-TC
Ref. at +25°C
-30.0
+30.0
×10-6
Frequency Aging
f_age
1 year
-5.0
+5.0
×10-6
Frequency Pull Range
f_cont
—
-100
+100
×10-6
Frequency Control Voltage
VC
—
0.5
4.5
V
CMOS Load
L_CMOS
—
—
15
pF
Low Level Output Voltage
VOL
—
—
10% VCC
V
High Level Output Voltage
VOH
—
90% VCC
—
V
Symmetry
Symmetry @50% VCC
40
60
%
Dimensions
(Unit: mm)
20.8 max.
15.24±0.5
4−0.45φ±0.2
12.20±0.5
7.62±0.5
VCXO-293A
27.0000MHz
0501
● KC JAPAN
No. 14
Pin
No. 1
Pin
No. 7
Pin
No. 8
Pin
Pin Connection
No. 1 VC
No. 7 GND
No. 8 OUTPUT
No.14 VCC
Voltage Controlled Crystal Oscillators
VCXO-293A


Similar Part No. - VCXO-293A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-290 KSS-VCXO-290 Datasheet
135Kb / 1P
Output frequency of 12 to 36MHz is available
VCXO-294A KSS-VCXO-294A Datasheet
149Kb / 1P
Output frequency of 32.768 to 100MHz is available
More results

Similar Description - VCXO-293A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CXO-292 KSS-CXO-292 Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-328 KSS-CXO-328 Datasheet
141Kb / 1P
Output frequency of 12 to 40MHz is available Clock crystal oscillator for industrial equipment
VCXO-290 KSS-VCXO-290 Datasheet
135Kb / 1P
Output frequency of 12 to 36MHz is available
VCXO-294A KSS-VCXO-294A Datasheet
149Kb / 1P
Output frequency of 32.768 to 100MHz is available
logo
Mercury United Electron...
HUS MERCURY-HUS_15 Datasheet
309Kb / 1P
High frequency fundamental mode is available in BT cut
HUSL MERCURY-HUSL_15 Datasheet
291Kb / 1P
High frequency fundamental mode is available in BT cut
M49 MERCURY-M49_15 Datasheet
105Kb / 1P
High frequency fundamental mode is available in BT-cut
ML49 MERCURY-ML49_15 Datasheet
104Kb / 1P
High frequency fundamental mode is available in BT-cut
M49G MERCURY-M49G Datasheet
105Kb / 1P
High frequency fundamental mode is available in BT-cut
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
A wide selection of sizes is available
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com