Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5010B2FLL Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT5010B2FLL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5010B2FLL Datasheet(HTML) 1 Page - Advanced Power Technology

  APT5010B2FLL Datasheet HTML 1Page - Advanced Power Technology APT5010B2FLL Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADVANCE
TECHNICAL
INFORMATION
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250µA)
On State Drain Current 2 (V
DS
> I
D(on)
x R
DS(on)
Max, V
GS
= 10V)
Drain-Source On-State Resistance 2 (V
GS
= 10V, 0.5 I
D[Cont.]
)
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 0.8 V
DSS
, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 2.5mA)
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J
,T
STG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current
1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy
1
Single Pulse Avalanche Energy
4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
I
D(on)
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Amps
Ohms
µA
nA
Volts
MIN
TYP
MAX
500
46
0.100
250
1000
±100
35
APT5010
500
46
184
±30
±40
500
4.0
-55 to 150
300
46
50
1800
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Chemin de Magret
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
T-MAX™
G
D
S
TO-264
B2FLL
LFLL
APT5010B2FLL
APT5010LFLL
500V 46A 0.100
W
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel
enhancement mode power MOSFETS. Both conduction and switching
losses are addressed with Power MOS 7TM by significantly lowering R
DS(ON)
and Q
g. Power MOS 7
TM
combines lower conduction and switching losses
along with exceptionally fast switching speeds inherent with APT's
patented metal gate structure.
POWER MOS 7TM
• Lower Input Capacitance
• Increased Power Dissipation
• Lower Miller Capacitance
• Easier To Drive
• Lower Gate Charge, Qg
• Popular T-MAX™ or TO-264 Package
FREDFET
FAST RECOVERY BODY DIODE


Similar Part No. - APT5010B2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5010B2FLL ADPOW-APT5010B2FLL Datasheet
174Kb / 5P
POWER MOS 7 FREDFET
logo
Inchange Semiconductor ...
APT5010B2FLL ISC-APT5010B2FLL Datasheet
419Kb / 2P
isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT5010B2FLL ADPOW-APT5010B2FLL_04 Datasheet
174Kb / 5P
POWER MOS 7 FREDFET
More results

Similar Description - APT5010B2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10026L2FLL ADPOW-APT10026L2FLL Datasheet
65Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10035B2LL ADPOW-APT10035B2LL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT1201R4BLL ADPOW-APT1201R4BLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT12067JLL ADPOW-APT12067JLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M10JLL ADPOW-APT20M10JLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6017JFLL ADPOW-APT6017JFLL_04 Datasheet
166Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT8043BLL ADPOW-APT8043BLL_04 Datasheet
163Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10026L2FLL ADPOW-APT10026L2FLL_03 Datasheet
105Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Microsemi Corporation
APT6010B2LL MICROSEMI-APT6010B2LL Datasheet
257Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT8024B2FLL MICROSEMI-APT8024B2FLL Datasheet
245Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com