Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5010B2FLL Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT5010B2FLL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5010B2FLL Datasheet(HTML) 2 Page - Advanced Power Technology

  APT5010B2FLL Datasheet HTML 1Page - Advanced Power Technology APT5010B2FLL Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
These dimensions are equal to the TO-247 without the mounting hole.
2-Plcs.
19.51 (.768)
20.50 (.807)
19.81 (.780)
21.39 (.842)
25.48 (1.003)
26.49 (1.043)
2.29 (.090)
2.69 (.106)
0.76 (.030)
1.30 (.051)
3.10 (.122)
3.48 (.137)
4.60 (.181)
5.21 (.205)
1.80 (.071)
2.01 (.079)
2.59 (.102)
3.00 (.118)
0.48 (.019)
0.84 (.033)
Drain
Source
Gate
Dimensions in Millimeters and (Inches)
2.29 (.090)
2.69 (.106)
5.79 (.228)
6.20 (.244)
2.79 (.110)
3.18 (.125)
5.45 (.215) BSC
2-Plcs.
Dimensions in Millimeters and (Inches)
T-MAXTM (B2) Package Outline
TO-264 (L) Package Outline
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
ADVANCE
TECHNICAL
INFORMATION
DYNAMIC CHARACTERISTICS
APT5010 B2FLL - LFLL
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting Tj = +25°C, L = 1.70mH, RG = 25
W, Peak IL = 46A
2 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (VGS = 0V, IS = -ID [Cont.])
Peak Diode Recovery dv/dt 5
Reverse Recovery Time
(IS = -ID [Cont.], di/dt = 100A/µs)
Reverse Recovery Charge
(IS = -ID [Cont.], di/dt = 100A/µs)
Peak Recovery Current
(IS = -ID [Cont.], di/dt = 100A/µs)
Symbol
IS
ISM
VSD
dv/
dt
trr
Qrr
IRRM
UNIT
Amps
Volts
V/ns
ns
µC
Amps
Symbol
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
t r
td(off)
t f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
VGS = 0V
VDS = 25V
f = 1 MHz
VGS = 10V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
VGS = 15V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
RG = 0.6W
MIN
TYP
MAX
4105
824
47
92
22
40
12
9
30
5
UNIT
pF
nC
ns
MIN
TYP
MAX
46
184
1.3
5
Tj = 25°C
250
Tj = 125°C
500
Tj = 25°C
1.6
Tj = 125°C
5.5
Tj = 25°C
15
Tj = 125°C
27
THERMAL CHARACTERISTICS
Symbol
RqJC
RqJA
MIN
TYP
MAX
0.25
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com