Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPX-SC710 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DPX-SC710
Description  AMD짰 Embedded R-Series Gaming Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DPX-SC710 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DPX-SC710 Datasheet HTML 1Page - Advantech Co., Ltd. DPX-SC710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovations in Gaming Computing
All product specifications are subject to change without notice
www.advantech-innocore.com
Last updated : 28-Jan-2013
See overleaf for continued specification
Features
DPX®-SC710
Introduction
The DPX®-SC710 is a complete integrated gaming platform consisting of an easily serviceable CPU cassette housed in a rugged logic box with a fully
passive backplane and I/O expansion module. AMD’s latest embedded chipset provides a choice of high performance dual and quad core APUs with
"Discrete-level Graphics". The chipset graphics (AMD Radeon HD7000 series) can output to 4 independent monitors and supports DisplayPort 1.2. In
addition the MXM graphics card slot allows the DPX-SC710 to be fitted with a selection of discrete high performance graphics modules. The MXM slot
ensures the system is "future proof"; ready for the next generation of graphics technology. A full feature set of I/O and COMs designed specifically for
gaming devices is also included making the DPX-SC710 an ideal integrated platform for many high end gaming, amusement and kiosk applications.
ƒ Very high performance AMD platform
ƒ Versatile ConnectBus® backplane architecture
ƒ Comprehensive gaming features
ƒ High performance integrated graphics and PCI-Express graphics
module (MXM)
ƒ Up to 10 monitors supported
Feature Summary
System
Rugged "logic box" system includes pluggable CPU
cassette housed in a secure enclosure
All cable connections are made through the passive
backplane
3rd Generation ConnectBus® architecture - Easily
customized passive backplane (and backplane I/O
expansion module, "BSM")
Removable CPU cassette for easy install, service and
maintenance
AMD Embedded R-Series Dual and Quad Core APUs
Long life cycle 5 years availability
DDR3-1600, 2 SODIMMs up to 16GB
2 x Gigabit Ethernet LAN
HD Audio 7.1 channel
Video (Integrated)
Integrated – AMD Radeon 7000 series graphics
engine
Dual, triple and quad monitor support from APU
Three DP++ interfaces support DisplayPort, DVI,
HDMI and VGA
Incl. one DP v1.2 with MST (multi-monitor, daisy
chain) support
Direct X 11, OpenGL 4.2, OpenCL, DirectCompute
support
UVD3 Multimedia hardware decode and
encode
Video (Discrete)
Full speed PCI-Express X16 MXM v3.0 slot to
support optional high performance graphics cards;
AMD Radeon E6000 series, Radeon E8000 series,
Nvidia®.
Field or factory upgradeable
AMD® Embedded R-Series Gaming Platform
Security
TPM security device on board
Intrusion switch inputs (8 dedicated)
BIOS customization
1 x iButton® socket (option)
1 x Security ROM socket
Lockable logic box (accepts most casino specified
locks)
Software
Edge-to-edge drivers and Software API/SDK.
Code portability through consistent API with other
Innocore boards
Range of Advantech-Innocore software products for
Gaming
CPU/Chipset
AMD Embedded R-Series FS1r2 Accelerated
Processing Unit (APU)
Dual and Quad Core APUs up to 2.7GHz (3.2GHz
Turbo)
Up to 4MB L2 cache
Low power (35W) APUs
AMD A75 FCH
Memory
2 x SODIMM sockets
Up to 16GB DDR3 1600 MT/s SDRAM system RAM
BIOS
AMI APTIO UEFI BIOS
BIOS can be write protected
LAN
2 x Ethernet Gigabit LAN
Full duplex operation
Wake-On-LAN capability
Storage
2 x C-Fast™ sockets
Drive bay for 2.5" format HDD or SSD.
2 x SATA 3 (up to 6Gb/s) headers for HDD, SSD or
SATA DOM
1 x eSATA front access
AMD
EMBEDDED
SOLUTIONS
R-SERIES APU
Preliminary


Similar Part No. - DPX-SC710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-SC710 ADVANTECH-DPX-SC710_14 Datasheet
1,021Kb / 2P
AMD짰 Embedded R-Series Gaming Platform
More results

Similar Description - DPX-SC710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-S415 ADVANTECH-DPX-S415 Datasheet
1Mb / 2P
AMD짰 Athlon??II Neo, Turion??II Neo Gaming Platform
DPX-S430 ADVANTECH-DPX-S430 Datasheet
1Mb / 2P
AMD짰 Embedded R-Series (Fusion) Gaming Platform
DPX-C710 ADVANTECH-DPX-C710_14 Datasheet
967Kb / 2P
AMD짰 Embedded R-Series Gaming Platform
DPX-S415 ADVANTECH-DPX-S415_14 Datasheet
806Kb / 2P
AMD짰 Athlon??II Neo, Turion??II Neo Gaming Platform
DPX-S430 ADVANTECH-DPX-S430_14 Datasheet
941Kb / 2P
AMD짰 Embedded R-Series (Fusion) Gaming Platform
DPX-SC710 ADVANTECH-DPX-SC710_14 Datasheet
1,021Kb / 2P
AMD짰 Embedded R-Series Gaming Platform
DPX-E140 ADVANTECH-DPX-E140 Datasheet
1,003Kb / 2P
AMD Ryzen™ Embedded V-Series Gaming Platform
10-Nov-2021
DPX-J100 ADVANTECH-DPX-J100 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V & R Series Gaming Platform
20-Jul-2022
DPX-S450 ADVANTECH-DPX-S450 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V1000/R1000 Gaming Platform
29-Jul-2020
DPX-S451 ADVANTECH-DPX-S451 Datasheet
996Kb / 2P
AMD Ryzen™ Embedded R2000 Gaming Platform
1-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com